전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AP3202 데이터시트(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

부품명 AP3202
부품 상세설명  380kHz, 2A Asynchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3202 데이터시트(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3202 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Datasheet
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202
Mar. 2011 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3202 is a 380kHz fixed frequency, current
mode, PWM buck (step-down) DC-DC converter,
capable of driving a 2A load with high efficiency,
excellent line and load regulation. The device
integrates N-channel power MOSFET switch with
low on-resistance. Current mode control provides fast
transient response and cycle-by-cycle current limit.
A standard series of inductors are available from
several different manufacturers optimized for use
with the AP3202. This feature greatly simplifies the
design of switch-mode power supplies.
This IC is available in SOIC-8 package.
Features
Input Voltage Range: 4.75V to 18V
Fixed 380kHz Frequency
High Efficiency: up to 93%
Output Current: 2A
Current Mode Control
Built-in Over Current Protection
Built-in Thermal Shutdown Function
Built-in UVLO Function
Built-in Over Voltage Protection
Built-in Soft-start
Applications
LCD TV
Set Top Box
Portable DVD
Digital Photo Frame
Figure 1. Package Type of AP3202
SOIC-8


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn