전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP3202 데이터시트(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

부품명 AP3202
상세설명  380kHz, 2A Asynchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3202 데이터시트(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3202 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Preliminary Datasheet
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202
Mar. 2011 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
3
TR: Tape & Reel
Blank: Tube
Functional Block Diagram
S
R
Q
Q
Internal Bias
And Regulator
Oscillator
90k/380k
2
1
5V
M1
0.22
BS
IN
Current
Sense
Amplifier
CLK
SLOP
COMP
7
5
4
3
M2
10
SW
GND
Error
Amplifier
6
COMP
FB
1.222
0.6
Short
Protection
Comparator
EN
Shutdown
Comparator
0.5/1.5V
1.8V
8
NC
PWM
Comparator
INTERNAL
PULL
HIGH
Figure 3. Functional Block Diagram of AP3202
Ordering Information
AP3202
-
Circuit Type
Package
M: SOIC-8
Package
Temperature
Range
Part Number
Marking ID
Packing Type
AP3202M-G1
3202M-G1
Tube
SOIC-8
-40 to 85
°C
AP3202MTR-G1
3202M-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
G1: Green


유사한 부품 번호 - AP3202

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203MP-G1 BCDSEMI-AP3203MP-G1 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203MPTR-G1 BCDSEMI-AP3203MPTR-G1 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
More results

유사한 설명 - AP3202

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
   23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
   2A 380KHZ 20V PWM Buck DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
   2A 380KHz 20V PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com