전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCX32373GX 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 74VCX32373GX
상세설명  Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX32373GX 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  74VCX32373GX Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary
7
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and
Non-Inverting Functions
FIGURE 3. 3-STATE Output HIGH Enable and
Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output LOW Enable and Disable Times for Low Voltage Logic
FIGURE 5. Propagation Delay, Pulse Width and
trec Waveforms
FIGURE 6. Setup Time, Hold Time and
Recovery Time for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V;
VCC x 2 at VCC = 2.5 ± 0.2V; 1.8V ± 0.15V
tPZH, tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
Vmi
1.5V
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
VX
VOL +0.3V
VOL +0.15V
VOL +0.15V
VY
VOH −0.3V
VOH −0.15V
VOH −0.15V


유사한 부품 번호 - 74VCX32373GX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCX32374 FAIRCHILD-74VCX32374 Datasheet
128Kb / 9P
   Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX32374G FAIRCHILD-74VCX32374G Datasheet
128Kb / 9P
   Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
More results

유사한 설명 - 74VCX32373GX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841_04 Datasheet
146Kb / 9P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com