전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74VCX38 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74VCX38
부품 상세설명  Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX38 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74VCX38 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
ds500161
www.fairchildsemi.com
July 1999
Revised July 1999
74VCX38
Low Voltage Quad 2-Input NAND Gate with Open Drain
Outputs and 3.6V Tolerant Inputs and Outputs
General Description
The VCX38 contains four 2-input NAND gates with open
drain outputs. This product is designed for low voltage
(1.65V to 3.6V) VCC applications with I/O compatibility up
to 3.6V.
The VCX38 is fabricated with advanced CMOS technology
to achieve high-speed operation while maintaining CMOS
low power dissipation.
Features
s 1.65V-3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
2.8 ns max for 3.0V to 3.6V VCC
3.7 ns max or 2.3V to 2.7V VCC
6.7 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Static Drive (IOL)
±24 mA @ 3.0V V
CC
±18 mA @ 2.3V V
CC
±6 mA @ 1.65V V
CC
s Uses patented Quiet Series
™ noise/EMI reduction
circuitry
s Latchup performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 250V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Quiet Series
™ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74VCX38M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
74VCX38MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn