전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCX86M 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 74VCX86M
상세설명  Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX86M 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button 74VCX86M Datasheet HTML 2Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 3Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 4Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 5Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 6Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 7Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 8Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 9Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 3.0mm
Package Number MLP014A


유사한 부품 번호 - 74VCX86M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
More results

유사한 설명 - 74VCX86M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVC86 FAIRCHILD-74ALVC86 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC86 FAIRCHILD-74ALVC86_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX32FT TOSHIBA-TC74VCX32FT Datasheet
282Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX32M FAIRCHILD-74VCX32M Datasheet
512Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32_05 Datasheet
92Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX32 FAIRCHILD-74VCX32 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com