전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL-W5E1 데이터시트(PDF) 2 Page - Omron Electronics LLC

부품명 TL-W5E1
상세설명  Miniature Inductive Prox
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-W5E1 데이터시트(HTML) 2 Page - Omron Electronics LLC

  TL-W5E1 Datasheet HTML 1Page - Omron Electronics LLC TL-W5E1 Datasheet HTML 2Page - Omron Electronics LLC TL-W5E1 Datasheet HTML 3Page - Omron Electronics LLC TL-W5E1 Datasheet HTML 4Page - Omron Electronics LLC TL-W5E1 Datasheet HTML 5Page - Omron Electronics LLC TL-W5E1 Datasheet HTML 6Page - Omron Electronics LLC TL-W5E1 Datasheet HTML 7Page - Omron Electronics LLC TL-W5E1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL-W
TL-W
2
Specifications
Part number
TL-W3M❑❑
TL-W5M❑❑
TL-W20ME❑
Sensor type
Inductive
Body
Size
Flat, rectangular
Type
Unshielded
Supply voltage
10 to 30 VDC, maximum ripple 10% peak-to-peak
Current consumption
15 mA max.
10 mA max.
15 mA max.
Detectable object type
Metal objects
Effective maximum detecting
0 to 2.7 mm
0 to 4.5 mm
0 to 16 mm
distance (with standard object)
(0 to 0.11 in)
(0 to 0.18 in)
(0 to 0.63 in)
Standard target size
12 x 12 x 1 mm
18 x 18 x 1 mm
50 x 50 x 1 mm
(mild steel, LxWxH)
(0.47 x 0.47 x 0.04 in)
(0.71 x 0.71 x 0.04 in)
(1.97 x 1.97 x 0.04 in)
Differential travel
10% max. of effective maximum detecting distance
Control
DC
Type
NPN-NO (TL-W❑MC1)
NPN-NO (TL-W20ME1)
output
solid-
PNP-NO (TL-W❑MB1)
with pull-up resistor
state
NPN-NC (TL-W20ME2)
with pull-up resistor
Max. load
100 mA max.
50 mA max. at 12 VDC,
100 mA max. at 12 VDC
100 mA max. at 24 VDC
200 mA max. at 24 VDC
Max. on-state
1.0 V max.
voltage drop
Response frequency
600 Hz
500 Hz
40 Hz
Circuit
Output short-circuit
Not provided
protection
DC power supply
Provided
reverse polarity
Indicators
Target present (red LED)
Materials
Housing
Plastic (ABS)
Sensing face
Plastic (ABS)
Cable sheath
Oil-proof vinyl
Mounting
Bottom surface with 1
Bottom surface with 2 through holes
through hole, or mounting
bracket supplied
Connections
Prewired
3-conductor cable, 2 m (6.56 ft) length
Weight with cable
30 g (1.06 oz.)
45 g (1.59 oz.)
180 g (6.35 oz.)
Enclosure
UL
ratings
NEMA
1, 2, 3, 4X, 6, 12, 13
IEC 144
IP67
Approvals
UL
CSA
Ambient operating temperature
-25
° to 70°C (-13° to 158°F)
Vibration
10 to 55 Hz, at 1.5 mm in X, Y, and Z directions, double amplitude for 2 hours
Shock
Approx. 50 G, three times
s UNSHIELDED, PLASTIC BODY SENSORS


유사한 부품 번호 - TL-W5E1

제조업체부품명데이터시트상세설명
logo
TP-Link Technologies Co...
TL-WA701ND TP-LINK-TL-WA701ND Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TL-WDR4900 TP-LINK-TL-WDR4900 Datasheet
4Mb / 3P
   N900 Wireless Dual Band Gigabit Router
TL-WN7200ND TP-LINK-TL-WN7200ND Datasheet
4Mb / 7P
   High Power Wireless N Router
TL-WN727N TP-LINK-TL-WN727N Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TL-WN727N TP-LINK-TL-WN727N Datasheet
1Mb / 2P
   150Mbps Wireless N Router
More results

유사한 설명 - TL-W5E1

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com