전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC00M 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74VHC00M
상세설명  Quad 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC00M 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74VHC00M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC00M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC00M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC00M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC00M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC00M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC00M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained from the equation: ICC (opr.)
CPD * VCC * fIN  ICC/4 (per gate).
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation
3.3
r 0.3
5.5
7.9
1.0
9.5
ns
CL 15 pF
tPHL
Delay
8.0
11.4
1.0
13.0
CL 50 pF
5.0
r 0.5
3.7
5.5
1.0
6.5
ns
CL 15 pF
5.2
7.5
1.0
8.5
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
CPD
Power Dissipation
19
pF
(Note 5)
Capacitance


유사한 부품 번호 - 74VHC00M

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC00M STMICROELECTRONICS-74VHC00M Datasheet
66Kb / 8P
   QUAD 2-INPUT NAND GATE
June 2001
logo
ON Semiconductor
74VHC00M ONSEMI-74VHC00M Datasheet
312Kb / 10P
   Quad 2-Input NAND Gate
February 2008 Rev. 1.3.0
74VHC00MTC ONSEMI-74VHC00MTC Datasheet
312Kb / 10P
   Quad 2-Input NAND Gate
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
74VHC00MTC FAIRCHILD-74VHC00MTC_08 Datasheet
298Kb / 10P
   Quad 2-Input NAND Gate
logo
STMicroelectronics
74VHC00MTR STMICROELECTRONICS-74VHC00MTR Datasheet
66Kb / 8P
   QUAD 2-INPUT NAND GATE
June 2001
More results

유사한 설명 - 74VHC00M

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com