전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC138SJX 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74VHC138SJX
상세설명  3-to-8 Decoder/Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC138SJX 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74VHC138SJX Datasheet HTML 1Page - Fairchild Semiconductor 74VHC138SJX Datasheet HTML 2Page - Fairchild Semiconductor 74VHC138SJX Datasheet HTML 3Page - Fairchild Semiconductor 74VHC138SJX Datasheet HTML 4Page - Fairchild Semiconductor 74VHC138SJX Datasheet HTML 5Page - Fairchild Semiconductor 74VHC138SJX Datasheet HTML 6Page - Fairchild Semiconductor 74VHC138SJX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
Package Number M16A
16-Lead Small Outline Package (SOP) EIAJ TYPE II, 5.3mm Wide
Package Number M16D


유사한 부품 번호 - 74VHC138SJX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VHC138SJ ONSEMI-74VHC138SJ Datasheet
170Kb / 9P
   3-to-8 Decoder/Demultiplexer
Revised April 1999
More results

유사한 설명 - 74VHC138SJX

제조업체부품명데이터시트상세설명
logo
System Logic Semiconduc...
SL74LV138 SLS-SL74LV138 Datasheet
44Kb / 5P
   3-TO-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHCT138A FAIRCHILD-74VHCT138A Datasheet
69Kb / 6P
   3-to-8 Decoder/Demultiplexer
74VHCT138A FAIRCHILD-74VHCT138A_07 Datasheet
354Kb / 9P
   3-to-8 Decoder/Demultiplexer
logo
ON Semiconductor
74VHCT138A ONSEMI-74VHCT138A Datasheet
352Kb / 11P
   3-to-8 Decoder/Demultiplexer
May 2007 Rev. 1.2
74VHC138 ONSEMI-74VHC138 Datasheet
170Kb / 9P
   3-to-8 Decoder/Demultiplexer
Revised April 1999
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com