전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC574SJ 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74VHC574SJ
상세설명  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC574SJ 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74VHC574SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC574SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC574SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC574SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC574SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC574SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC574SJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHC574SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 3: Parameter guaranteed by design.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
0.5V to VCC  0.5V
Input Diode Current (IIK)
20 mA
Output Diode Current
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r75 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Supply Voltage (VCC)2.0V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TOPR)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 3.3V r 0.3V
0
a 100 ns/V
VCC 5.0V r 0.5V
0
a 20 ns/V
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.50
1.50
V
Input Voltage
3.0
 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level
2.0
0.50
0.50
V
Input Voltage
3.0
 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIH
IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH 4 mA
4.5
3.94
3.80
IOH 8 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN VIH
IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL 4 mA
4.5
0.36
0.44
IOL 8 mA
IOZ
3-STATE
5.5
r0.25
r2.5
PAVIN VIH or VIL
Output Off-State Current
VOUT VCC or GND
IIN
Input Leakage
0
 5.5
r0.1
r1.0
PAVIN 5.5V or GND
Current
ICC
Quiescent Supply
5.5
4.0
40.0
PAVIN VCC or GND
Current
Symbol
Parameter
VCC
(V)
TA 25qC
Units
Conditions
Typ
Limits
VOLP
(Note 3)
Quiet Output Maximum Dynamic VOL
5.0
1.0
1.2
V
CL 50 pF
VOLV
(Note 3)
Quiet Output Minimum Dynamic VOL
5.0
0.8
1.0
V
CL 50 pF
VIHD
(Note 3)
Minimum HIGH Level Dynamic Input Voltage
5.0
3.5
V
CL 50 pF
VILD
(Note 3)
Maximum LOW Level Dynamic Input Voltage
5.0
1.5
V
CL 50 pF


유사한 부품 번호 - 74VHC574SJ

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VHC574SJ ONSEMI-74VHC574SJ Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
Revised May 2005
More results

유사한 설명 - 74VHC574SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com