전자부품 데이터시트 검색엔진 |
|
74VHC4053 데이터시트(PDF) 6 Page - Fairchild Semiconductor |
|
74VHC4053 데이터시트(HTML) 6 Page - Fairchild Semiconductor |
6 / 11 page www.fairchildsemi.com 6 AC Electrical Characteristics VCC = 2.0V − 6.0V, VEE = 0V − 6V, CL = 50 pF (unless otherwise specified) Symbol Parameter Conditions VEE VCC TA=25°CTA=−40 to 85°C Units Typ Guaranteed Limits tPHL, tPLH Maximum Propagation Delay Switch In to Out GND 3.3V 25 35 40 ns GND 4.5V 5 12 15 ns −4.5V 4.5V 4 8 12 ns −6.0V 6.0V 3 7 11 ns tPZL, tPZH Maximum Switch Turn “ON” Delay RL = 1 kΩ GND 3.3V 92 200 250 ns GND 4.5V 69 87 ns −4.5V 4.5V 16 46 58 ns −6.0V 6.0V 15 41 51 ns tPHZ, tPLZ Maximum Switch Turn “OFF” Delay GND 3.3V 65 170 210 ns GND 4.5V 28 58 73 ns −4.5V 4.5V 18 37 46 ns −6.0V 6.0V 16 32 41 ns fMAX Minimum Switch GND 4.5V 30 MHz Frequency Response −4.5V 4.5V 35 MHz 20 log (VI/VO) = 3 dB Control to Switch RL = 600Ω,VIS = 4 VPP 0V 4.5V 1080 mV Feedthrough Noise f = 1 MHz, VIS = 8 VPP −4.5V 4.5V 250 mV CL = 50 pF Crosstalk between RL = 600Ω,VIS = 4 VPP 0V 4.5 −52 dB any Two Switches f = 1 MHz VIS = 8 VPP −4.5V 4.5V −50 dB Switch OFF Signal RL = 600Ω,VIS = 4 VPP 0V 4.5V −42 dB Feedthrough f = 1 MHz, VIS = 8 VPP −4.5V 4.5V −44 dB Isolation VCTL = VIL THD Sinewave Harmonic RL = 10 kΩ,VIS = 4 VPP 0V 4.5V 0.013 % Distortion CL = 50 pF, VIS = 8 VPP −4.5V 4.5V 0.008 % f = 1 kHz CIN Maximum Control 5 10 10 pF Input Capacitance CIN Maximum Switch Input 15 pF Input Capacitance 4051 Common 90 4052 Common 45 4053 Common 30 CIN Maximum Feedthrough 5 pF Capacitance |
유사한 부품 번호 - 74VHC4053 |
|
유사한 설명 - 74VHC4053 |