전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F011 데이터시트(PDF) 1 Page - Eichhoff Electronics,Inc.

부품명 F011
상세설명  Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EICHHOFF [Eichhoff Electronics,Inc.]
홈페이지  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F011 데이터시트(HTML) 1 Page - Eichhoff Electronics,Inc.

  F011 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F011 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F011 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F011 Datasheet HTML 4Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Funk-Entstörfilter
für 3 Phasen
Radio-Interference Suppression Filters
for 3-phase systems
Filtres d’antiparasitage
pour systèmes triphasés
Nenninduktivität
Rated inductance
Inductance nominale
Schaltbild
Circuit
F011-227/106*
F011-227/110
F011-227/116*
F011-156/106
F011-156/110
F011-156/116
C
L 1
Teile-Nr.
Part number
Réference
Nennkapazität
Rated capacitance
Capacité nominale
0,47 µF +
2 x 2400 pF
X1Y
Nennstrom
Rated current
Courant
nominal
4700 pFY
0,24 µF +
2 x 2400 pF
X1Y
4 x 6 A
4 x 10 A
4 x 16 A
4 x 6 A
4 x 10 A
4 x 16 A
C 1
L
2 ,7 mH
0,75 mH
0,47 mH
4,7 mH
1,5 mH
1
mH
I
I
I
II
II
II
4700 pFY
10 µH
Schaltbild I
Fig. I
ill. I
Schaltbild II
Fig. II
ili. II


유사한 부품 번호 - F011

제조업체부품명데이터시트상세설명
logo
Eichhoff Electronics,In...
F011-000 EICHHOFF-F011-000 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
F011-032 EICHHOFF-F011-032 Datasheet
250Kb / 6P
   Funk-Entst철rfilter im runden Metallgeh채use mit Gewindezapfen
F011-036 EICHHOFF-F011-036 Datasheet
250Kb / 6P
   Funk-Entst철rfilter im runden Metallgeh채use mit Gewindezapfen
F011-051 EICHHOFF-F011-051 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
F011-052 EICHHOFF-F011-052 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
More results

유사한 설명 - F011

제조업체부품명데이터시트상세설명
logo
Eichhoff Electronics,In...
F033-353 EICHHOFF-F033-353 Datasheet
110Kb / 2P
   Funk-Entst철rfilter fur 3 Phasen Radio-Interference Suppression Filters
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-299 EICHHOFF-F022-299 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F011-171 EICHHOFF-F011-171 Datasheet
89Kb / 2P
   Funk-Entst철rfilter im runden Metallgeh채use Radio-Interference Suppression Filters
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
F033-001 EICHHOFF-F033-001 Datasheet
231Kb / 4P
   Funk-Entst철rfilter im rechteckigen Metallgehause Radio-Interference Suppression Filter
F022-381 EICHHOFF-F022-381 Datasheet
221Kb / 4P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC Radio-Interference
F022-755 EICHHOFF-F022-755 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
K018-000 EICHHOFF-K018-000_12 Datasheet
75Kb / 1P
   Vierpol-Funk-Entst철rkondensatoren Four-pole Radio Interference Suppression
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com