전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F022-005-420 데이터시트(PDF) 1 Page - Eichhoff Electronics,Inc.

부품명 F022-005-420
상세설명  Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EICHHOFF [Eichhoff Electronics,Inc.]
홈페이지  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F022-005-420 데이터시트(HTML) 1 Page - Eichhoff Electronics,Inc.

  F022-005-420 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F022-005-420 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F022-005-420 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F022-005-420 Datasheet HTML 4Page - Eichhoff Electronics,Inc. F022-005-420 Datasheet HTML 5Page - Eichhoff Electronics,Inc. F022-005-420 Datasheet HTML 6Page - Eichhoff Electronics,Inc. F022-005-420 Datasheet HTML 7Page - Eichhoff Electronics,Inc. F022-005-420 Datasheet HTML 8Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Funk-Entstörfilter für Frequenzumrichter
Radio-Interference Suppression Filters for Frequency Inverters
Filtres d’antiparasitage pour convertisseurs de fréquence
Die Funk-Entstörfilter entsprechen den Bestimmungen DIN EN 60939-2 (VDE 0565-3-1)
Filters meet the requirements of DIN EN 60939-2 (VDE 0565-3-1)
Les filtres répondent aux normes DIN EN 60939-2 (VDE 0565-3-1)
Nennkapazität
Rated capacitance
Capacité nominale
Teile-Nr.
Part number
Référence
Nenninduktivität
Rated inductance
Inductance nominale
Abmessungen/Dimensions
A
B
C
D
E
H
Bild
Fig.
ill.
3 x 2 mH
6 A
13 A
25 A
30 A
45 A
F022-299/307-420
F022-299/313-420
F022-299/325-420
F022-299/330-420
F022-299/345-420
3 x 1µF X2
3 x 0,022µF Y2
3 x 2µF X2
3 x 0,68µF X2
3 x 0,068µF Y2
Nennstrom
Rated current
Courant nominal
140
180
180
180
200
85
85
85
85
120
95
115
115
115
115
115
115
115
115
150
100
100
100
100
135
60
65
65
65
65
I
I
I
I
II
Bild / Fig. / ill. I
Bild / Fig. / ill. II


유사한 부품 번호 - F022-005-420

제조업체부품명데이터시트상세설명
logo
Eichhoff Electronics,In...
F022-003-420 EICHHOFF-F022-003-420 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
F022-006-420 EICHHOFF-F022-006-420 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
F022-008-420 EICHHOFF-F022-008-420 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
More results

유사한 설명 - F022-005-420

제조업체부품명데이터시트상세설명
logo
Eichhoff Electronics,In...
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F022-755 EICHHOFF-F022-755 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
F022-381 EICHHOFF-F022-381 Datasheet
221Kb / 4P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC Radio-Interference
F011-171 EICHHOFF-F011-171 Datasheet
89Kb / 2P
   Funk-Entst철rfilter im runden Metallgeh채use Radio-Interference Suppression Filters
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F033-001 EICHHOFF-F033-001 Datasheet
231Kb / 4P
   Funk-Entst철rfilter im rechteckigen Metallgehause Radio-Interference Suppression Filter
F033-353 EICHHOFF-F033-353 Datasheet
110Kb / 2P
   Funk-Entst철rfilter fur 3 Phasen Radio-Interference Suppression Filters
F012-013 EICHHOFF-F012-013 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com