전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12311 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc

부품명 MC12311
상세설명  This section provides a simplified block diagram and highlights MC12311 features
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC12311 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc

  MC12311 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MC12311 Advance Information, Rev. 1.0
4
Freescale Semiconductor
– SCIx — Two serial communications interface modules with optional 13-bit break. Full
duplex non-return to zero (NRZ); LIN master extended break generation; LIN slave
extended break detection; wake on active edge
– IIC — One IIC; up to 100 kbps with maximum bus loading; multi-master operation;
programmable slave address; interrupt driven byte-by-byte data transfer; supports broadcast
mode and 10-bit addressing
– TPMx — One 6-channel (TPM3) and two 3-channel (TPM1 and TPM2); selectable input
capture, output compare, or buffered edge- or center-aligned PWM on each channel;
– RTC — (Real-time counter) 8-bit modulus counter with binary or decimal based prescaler;
external clock source for precise time base, time-of-day, calendar or task scheduling
functions; free running on-chip low power oscillator (1 kHz) for cyclic wake-up without
external components; runs in all MCU modes
— KBI — Two 8-bit port keyboard interrupt modules
— Input/Output
– Up to 33 GPIO including dedicated GPIO supporting transceiver
– 13 KBI interrupts with selectable polarity
– Hysteresis and configurable pullup device on all input pins; Configurable slew rate and
drive strength on all output pins.
1.8 V to 3.6 V operating voltage with on-chip voltage regulators
Temperature range of –40 °C to 85 °C
60-pin LGA (8x8 mm) Package
3
Software Solutions
Freescale will support the MC12311 platform with several software solutions:
SMAC (Simple Media Access Controller) - This codebase provides simple communication and
test apps based on drivers/PHY utilities available as source code. This environment is useful for
hardware and RF debug, hardware standards certification, and developing proprietary applications.
IEEE 802.15.4 MAC with custom PHY layer - The Freescale MAC is a robust, mature codebase
useful for developing networking solutions. Freescale is implementing an IEEE 802.15.4
MAC-compatible custom sub-1 GHz PHY template that can be used across different frequency
bands. This capability allows users to build powerful networking solutions on a known, stable
codebase.
Wireless MBUS stack - Freescale is porting an existing wireless MBUS codebase to the MC12311
platform which will be available through an external partner.
The Freescale MC12311 solutions are provided through a powerful software environment called the
Freescale BeeKit Wireless Connectivity Toolkit. BeeKit is a comprehensive codebase of wireless
networking libraries, application templates, and sample applications. The BeeKit Graphical User Interface
(GUI), part of the BeeKit Wireless Connectivity Toolkit, allows users to create, modify, and update various
wireless networking implementations. The MC12311 products are available as codebases within BeeKit;
for the wireless MBUS stack, BeeKit will have simple demo apps only.


유사한 부품 번호 - MC12311

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC12311 NXP-MC12311 Datasheet
737Kb / 40P
   Highly-integrated, cost-effective single-package solution for the sub-1 GHz, Wireless MBUS Standard
Rev. 1.0 11/2011
More results

유사한 설명 - MC12311

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
ARTIK530 SAMSUNG-ARTIK530 Datasheet
1Mb / 75P
   BLOCK DIAGRAM AND MODULE FEATURES
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Altera Corporation
EP3C55F780I7 ALTERA-EP3C55F780I7 Datasheet
7Mb / 274P
   This section provides a complete overview of all features relating to the Cyclone III device family
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
   This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
logo
Freescale Semiconductor...
MPC565MVR56 FREESCALE-MPC565MVR56 Datasheet
290Kb / 16P
   This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
logo
Motorola, Inc
MPC555 MOTOROLA-MPC555 Datasheet
171Kb / 12P
   This document provides an overview of the MPC555 microcontroller, including a block diagram showing the major modular components and sections that lis
logo
Altera Corporation
EP4SE360F35I4 ALTERA-EP4SE360F35I4 Datasheet
10Mb / 432P
   This section provides a complete overview of all features relating to the Stratix IV device family, which is the most architecturlly advanced
logo
STMicroelectronics
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
   This document provides a detailed description
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com