전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847B 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 BC847B
상세설명  NPN General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC847B 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  BC847B Datasheet HTML 1Page - Fairchild Semiconductor BC847B Datasheet HTML 2Page - Fairchild Semiconductor BC847B Datasheet HTML 3Page - Fairchild Semiconductor BC847B Datasheet HTML 4Page - Fairchild Semiconductor BC847B Datasheet HTML 5Page - Fairchild Semiconductor BC847B Datasheet HTML 6Page - Fairchild Semiconductor BC847B Datasheet HTML 7Page - Fairchild Semiconductor BC847B Datasheet HTML 8Page - Fairchild Semiconductor BC847B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3
NPN General Purpose Amplifier
(continued)
Typical Common Emitter Characteristics (f = 1.0 kHz)
Typical Common Emitter Characteristics
0.1
0.2
0.5
1
2
5
10
20
50
100
0.01
0.1
1
10
100
I - COLLECTOR CURRENT (mA)
C
f = 1.0kHz
h oe
h oe
h
and h
ie
h fe
h re
h ie
h fe
re
Typical Common Emitter Characteristics
-100
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
T - JUNCTIO N TEMP ERATURE ( C)
J
h oe
h re
h ie
h fe
h oe
h re
h ie
h fe
V
= 5.0V
f = 1.0kHz
I
= 1.0mA
CE
C
°
Typical Common Emitter Characteristics
0
5
10
15
20
25
0.8
0.9
1
1.1
1.2
1.3
1.4
V
- COLLECTOR VOLTAGE (V)
CE
I = 1.0mA
f = 1.0kHz
T = 25 C
C
A
°
h oe
h oe
h re
h ie
h fe
h re
h ie
h fe


유사한 부품 번호 - BC847B

제조업체부품명데이터시트상세설명
logo
Rohm
BC847B ROHM-BC847B Datasheet
86Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
BC847B PHILIPS-BC847B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
E-Tech Electronics LTD
BC847B ETL-BC847B Datasheet
194Kb / 4P
   General Purpose Transistors
logo
First Components Intern...
BC847B FCI-BC847B Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
logo
Shenzhen Ping Sheng Ele...
BC847B PFS-BC847B Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results

유사한 설명 - BC847B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com