전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC856A 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 BC856A
상세설명  Switching and Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC856A 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  BC856A Datasheet HTML 1Page - Fairchild Semiconductor BC856A Datasheet HTML 2Page - Fairchild Semiconductor BC856A Datasheet HTML 3Page - Fairchild Semiconductor BC856A Datasheet HTML 4Page - Fairchild Semiconductor BC856A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BC856
: BC857/860
: BC858/859
-80
-50
-30
V
V
V
VCEO
Collector-Emitter Voltage
: BC856
: BC857/860
: BC858/859
-65
-45
-30
V
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-100
mA
PC
Collector Power Dissipation
310
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-15
nA
hFE
DC Current Gain
VCE= -5V, IC= -2mA
110
800
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-90
-250
-300
-650
mV
mV
VBE (sat)
Base-Emitter Saturation Voltage
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-700
-900
mV
mV
VBE (on)
Base-Emitter On Voltage
VCE= -5V, IC= -2mA
VCE= -5V, IC= -10mA
-600
-660
-750
-800
mV
mV
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA
f=100MHz
150
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
6
pF
NF
Noise Figure
: BC856/857/858
: BC859/860
: BC859
: BC860
VCE= -5V, IC= -200µA
f=1KHz, RG=2KΩ
VCE= -5V, IC= -200µA
RG=2KΩ, f=30~15000Hz
2
1
1.2
1.2
10
4
4
2
dB
dB
dB
dB
BC856/857/858/859/860
Switching and Amplifier Applications
• Suitable for automatic insertion in thick and thin-film circuits
• Low Noise: BC859, BC860
• Complement to BC846 ... BC850
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3


유사한 부품 번호 - BC856A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
521Kb / 5P
   PNP Small Signal Transistor 200mW
logo
Nexperia B.V. All right...
BC856A NEXPERIA-BC856A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Pan Jit International I...
BC856A PANJIT-BC856A Datasheet
97Kb / 4P
   PNP GENERAL PURPOSE TRANSISTORS
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
201Kb / 3P
   PNP Small Signal Transistor 310mW
More results

유사한 설명 - BC856A

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com