전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4004 데이터시트(PDF) 5 Page - Leshan Radio Company

부품명 1N4004
상세설명  General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4004 데이터시트(HTML) 5 Page - Leshan Radio Company

  1N4004 Datasheet HTML 1Page - Leshan Radio Company 1N4004 Datasheet HTML 2Page - Leshan Radio Company 1N4004 Datasheet HTML 3Page - Leshan Radio Company 1N4004 Datasheet HTML 4Page - Leshan Radio Company 1N4004 Datasheet HTML 5Page - Leshan Radio Company 1N4004 Datasheet HTML 6Page - Leshan Radio Company 1N4004 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
标题:
1.4
标签要求 label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:mm
L
WH
T52
430
±2
280
±2
225
±2
T42
410
±2
285
±2
300
±2
T26
435
±3
280
±3
295
±3
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
R-3
DO-15
1.8K
2K(T52)
1.8K(T26)
18K
20K
36K
36K
32.4K
36K
外箱数量(T42编带)
quantity/cartoon
54K-
外箱数量(T26编带)
quantity/cartoon
60K-
每根编带数量
quantity/ammo
3K
0.8K
外箱数量(T52编带)
quantity/cartoon
30K
8.0K
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
2
塑封外型
A-405 & DO-41 & R-1
DO-201AD
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date


유사한 부품 번호 - 1N4004

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
1N4004 TSC-1N4004 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Guangdong Juxing Electr...
1N4004 JUXING-1N4004 Datasheet
1Mb / 2P
   SILICON RECTIFIER
logo
Central Semiconductor C...
1N4004 CENTRAL-1N4004 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
logo
Pan Jit International I...
1N4004 PANJIT-1N4004 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
WILLAS ELECTRONIC CORP
1N4004 WILLAS-1N4004 Datasheet
262Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results

유사한 설명 - 1N4004

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
1N4008S LRC-1N4008S Datasheet
184Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4008G LRC-1N4008G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N5400 LRC-1N5400_12 Datasheet
205Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 3.0A
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com