전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD244C 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 BD244C
상세설명  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD244C 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  BD244C Datasheet HTML 1Page - Fairchild Semiconductor BD244C Datasheet HTML 2Page - Fairchild Semiconductor BD244C Datasheet HTML 3Page - Fairchild Semiconductor BD244C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW =300
µs, duty Cycle =2% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD244
: BD244A
: BD244B
: BD244C
- 45
- 60
- 80
- 100
V
V
V
V
VCEO
Collector-Emitter Voltage
: BD244
: BD244A
: BD244B
: BD244C
- 45
- 60
- 80
- 100
V
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 6
A
ICP
*Collector Current (Pulse)
- 10
A
IB
Base Current
- 2
A
PC
Collector Dissipation (TC=25°C)
65
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BD244
: BD244A
: BD244B
: BD244C
IC = - 30mA, IB = 0
- 45
- 60
- 80
- 100
V
V
V
V
ICEO
Collector Cut-off Current
: BD244/244A
: BD244B/244C
VCE = - 30V, IB = 0
VCE = - 60V, IB = 0
- 0.7
- 0.7
mA
mA
ICES
Collector Cut-off Current
: BD244
: BD244A
: BD244B
: BD244C
VCE = - 45V, VBE = 0
VCE = - 60V, VBE = 0
VCE = - 80V, VBE = 0
VCE = - 100V, VBE = 0
- 0.4
- 0.4
- 0.4
- 0.4
mA
mA
mA
mA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 1
mA
hFE
* DC Current Gain
VCE = - 4V, IC = - 0.3A
VCE = - 4V, IC = - 3A
30
15
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 6A, IB = - 1A
- 1.5
V
VBE(on)
* Base-Emitter ON Voltage
VCE = - 4V, IC = - 6A
- 2
V
BD244/A/B/C
Medium Power Linear and Switching
Applications
• Complement to BD243, BD243A, BD243B and BD243C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


유사한 부품 번호 - BD244C

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BD244C MOSPEC-BD244C Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Savantic, Inc.
BD244C SAVANTIC-BD244C Datasheet
90Kb / 3P
   Silicon PNP Power Transistors
logo
List of Unclassifed Man...
BD244C ETC2-BD244C Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Motorola, Inc
BD244C MOTOROLA-BD244C Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Rectron Semiconductor
BD244C RECTRON-BD244C Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
More results

유사한 설명 - BD244C

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com