전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDX53B 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 BDX53B
상세설명  Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDX53B 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  BDX53B Datasheet HTML 1Page - Fairchild Semiconductor BDX53B Datasheet HTML 2Page - Fairchild Semiconductor BDX53B Datasheet HTML 3Page - Fairchild Semiconductor BDX53B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Damper Diode Forward Voltage
Figure 5. Safe Operating Area
Figure 6. Power Derating
0.1
1
10
100
1000
10000
100000
VCE = 3V
IC[A], COLLECTOR CURRENT
0.1
1
10
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
IC = 250IB
IC[A], COLLECTOR CURRENT
0.1
1
10
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
IC = 250IB
IC[A], COLLECTOR CURRENT
0.1
1
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
IF[A], FORWARD CURRENT
1
10
100
1000
0.1
1
10
100
BDX53C
BDX53B
BDX53A
IC Max. (Continuous)
IC Max. (Pulsed)
BDX53
100us
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
TC[
o
C], CASE TEMPERATURE


유사한 부품 번호 - BDX53B

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BDX53B MOSPEC-BDX53B Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
List of Unclassifed Man...
BDX53B ETC-BDX53B Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results

유사한 설명 - BDX53B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BDX54 FAIRCHILD-BDX54 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
BDW24 FAIRCHILD-BDW24 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW23 FAIRCHILD-BDW23 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW93 FAIRCHILD-BDW93 Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDX54CTU FAIRCHILD-BDX54CTU Datasheet
47Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDW93CF FAIRCHILD-BDW93CF Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457_09 Datasheet
157Kb / 5P
   Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
2SB1067 TOSHIBA-2SB1067_09 Datasheet
179Kb / 5P
   Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com