전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4017BCSJX 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 CD4017BCSJX
상세설명  Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4017BCSJX 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  CD4017BCSJX Datasheet HTML 1Page - Fairchild Semiconductor CD4017BCSJX Datasheet HTML 2Page - Fairchild Semiconductor CD4017BCSJX Datasheet HTML 3Page - Fairchild Semiconductor CD4017BCSJX Datasheet HTML 4Page - Fairchild Semiconductor CD4017BCSJX Datasheet HTML 5Page - Fairchild Semiconductor CD4017BCSJX Datasheet HTML 6Page - Fairchild Semiconductor CD4017BCSJX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed, they are not meant to imply that
the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: IOL and IOH are tested one output at a time.
DC Supply Voltage (VDD)
−0.5 V
DC to +18 VDC
Input Voltage (VIN)
−0.5 V
DC to VDD +0.5 VDC
Storage Temperature (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
+3 V
DC to +15 VDC
Input Voltage (VIN)
0 to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V
20
0.5
20
150
µA
Current
VDD = 10V
40
1.0
40
300
µA
VDD = 15V
80
5.0
80
600
µA
VOL
LOW Level
|IO| < 1.0 µA
Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level
|IO| < 1.0 µA
Output Voltage
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
V
VDD = 15V
14.95
14.95
15
14.95
V
VIL
LOW Level
|IO| < 1.0 µA
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
1.5
1.5
V
VDD = 10V, VO = 1.0V or 9.0V
3.0
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
4.0
4.0
V
VIH
HIGH Level
|IO| < 1.0 µA
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3.5
V
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
11.0
V
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
Current (Note 3)
VDD = 10V, VO = 0.5V
1.3
1.1
2.25
0.9
mA
VDD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.2
−0.16 −0.36
−0.12
mA
Current (Note 3)
VDD = 10V, VO = 9.5V
−0.5
−0.4
−0.9
−0.3
mA
VDD = 15V, VO = 13.5V
−1.4
−1.2
−3.5
−1.0
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5
−0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
10−5
0.3
1.0
µA


유사한 부품 번호 - CD4017BCSJX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD4017BC TI1-CD4017BC Datasheet
415Kb / 10P
[Old version datasheet]   Decade Counter/Divider
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
logo
National Semiconductor ...
CD4017BCJ NSC-CD4017BCJ Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BCM FAIRCHILD-CD4017BCM Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
More results

유사한 설명 - CD4017BCSJX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HC4017F TI-CD54HC4017F Datasheet
215Kb / 12P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com