전자부품 데이터시트 검색엔진 |
|
CD4040BCN 데이터시트(PDF) 5 Page - Fairchild Semiconductor |
|
CD4040BCN 데이터시트(HTML) 5 Page - Fairchild Semiconductor |
5 / 8 page 5 www.fairchildsemi.com AC Electrical Characteristics (Note 4) CD4020BC, CD4040BC TA = 25°C, CL = 50 pF, RL = 200k, tr = tf = 20 ns, unless otherwise noted Note 4: AC Parameters are guaranteed by DC correlated testing. Symbol Parameter Conditions Min Typ Max Units tPHL1, tPLH1 Propagation Delay Time to Q1 VDD = 5V 250 550 ns VDD = 10V 100 210 VDD = 15V 75 150 tPHL, tPLH Interstage Propagation Delay Time VDD = 5V 150 330 ns from Qn to Qn+1 VDD = 10V 60 125 VDD = 15V 45 90 tTHL, tTLH Transition Time VDD = 5V 100 200 ns VDD = 10V 50 100 VDD = 15V 40 80 tWL, tWH Minimum Clock Pulse Width VDD = 5V 125 335 ns VDD = 10V 50 125 VDD = 15V 40 100 trCL, tfCL Maximum Clock Rise and Fall Time VDD = 5V No Limit ns VDD = 10V No Limit VDD = 15V No Limit fCL Maximum Clock Frequency VDD = 5V 1.5 4 MHz VDD = 10V 4 10 VDD = 15V 5 12 tPHL(R) Reset Propagation Delay VDD = 5V 200 450 ns VDD = 10V 100 210 VDD = 15V 80 170 tWH(R) Minimum Reset Pulse Width VDD = 5V 200 450 ns VDD = 10V 100 210 VDD = 15V 80 170 CIN Average Input Capacitance Any Input 5 7.5 pF CPD Power Dissipation Capacitance 50 pF |
유사한 부품 번호 - CD4040BCN |
|
유사한 설명 - CD4040BCN |