전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM231B 데이터시트(PDF) 5 Page - Samsung semiconductor

부품명 LM231B
상세설명  2323 Middle Power LED
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LM231B 데이터시트(HTML) 5 Page - Samsung semiconductor

  LM231B Datasheet HTML 1Page - Samsung semiconductor LM231B Datasheet HTML 2Page - Samsung semiconductor LM231B Datasheet HTML 3Page - Samsung semiconductor LM231B Datasheet HTML 4Page - Samsung semiconductor LM231B Datasheet HTML 5Page - Samsung semiconductor LM231B Datasheet HTML 6Page - Samsung semiconductor LM231B Datasheet HTML 7Page - Samsung semiconductor LM231B Datasheet HTML 8Page - Samsung semiconductor LM231B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
http://www.samsungled.com
5 / 49
2) Color Bins (Ts = 25
℃)
1) Color Binning
Nominal
CCT
Product Code
Color Rank
Chromaticity Bins
2700K
SPMWHT223MD5WAW0S0
W0(Whole bin)
W1, W2, W3, W4, W5, W6, W7, W8,
W9, WA, WB, WC, WD, WE, WF, WG
3000K
SPMWHT223MD5WAV0S0
V0(Whole bin)
V1, V2, V3, V4, V5, V6, V7, V8,
V9, VA, VB, VC, VD, VE, VF, VG
3500K
SPMWHT223MD5WAU0S0
U0(Whole bin)
U1, U2, U3, U4, U5, U6, U7, U8,
U9, UA, UB, UC, UD, UE, UF, UG
4000K
SPMWHT223MD5WAT0S0
T0(Whole bin)
T1, T2, T3, T4, T5, T6, T7, T8,
T9, TA, TB, TC, TD, TE, TF, TG
5000K
SPMWHT223MD5WAR0S0
R0(Whole bin)
R1, R2, R3, R4, R5, R6, R7, R8
5700K
SPMWHT223MD5WAQ0S0
Q0(Whole bin)
Q1, Q2, Q3, Q4, Q5, Q6, Q7, Q8
6500K
SPMWHT223MD5WAP0S0
P0(Whole bin)
P1, P2, P3, P4, P5, P6, P7, P8


유사한 부품 번호 - LM231B

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM231 NSC-LM231 Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM231 NSC-LM231 Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Seoul Semiconductor
LM231 SEOUL-LM231 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM231 SEOUL-LM231 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

유사한 설명 - LM231B

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTW-3030AZL57 LITEON-LTW-3030AZL57 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL40 LITEON-LTW-5630AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835YA1 EVERLIGHT-EAPL2835YA1 Datasheet
845Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-5630AZG27 LITEON-LTW-5630AZG27 Datasheet
663Kb / 28P
   LED Middle POWER
LTW-3030AQL27 LITEON-LTW-3030AQL27 Datasheet
1Mb / 30P
   LED Middle POWER
LTW-5630AZL27 LITEON-LTW-5630AZL27 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAHP2835BA2 EVERLIGHT-EAHP2835BA2 Datasheet
514Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-3030AZL40 LITEON-LTW-3030AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL35 LITEON-LTW-5630AZL35 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835BA3 EVERLIGHT-EAPL2835BA3 Datasheet
711Kb / 10P
   Middle Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com