전자부품 데이터시트 검색엔진 |
|
CD4070BCN 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
CD4070BCN 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) (Note 2) Recommended Operating Conditions (Note 2) Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices should be operated at these limits. The table of “Recom- mended Operating Conditions” and “Electrical Characteristics” provides conditions for actual device operation. Note 2: VSS = 0V unless otherwise specified. DC Electrical Characteristics (Note 3) Note 3: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices should be operated at these limits. The table of “Recommended Operating Conditions” and “Electrical Characteristics” provides conditions for actual device operation. DC Supply Voltage (VDD) −0.5 to +18 V DC Input Voltage (VIN) −0.5toV DD +0.5 VDC Storage Temperature Range (TS) −65°C to +150°C Power Dissipation (PD) Dual-In-Line 700 mW Small Outline 500 mW Lead Temperature (TL) (Soldering, 10 seconds) 260 °C DC Supply Voltage (VDD) 3V to 15 VDC Input Voltage (VIN)0 to VDD VDC Operating Temperature Range (TA) −40°C to +85°C Symbol Parameter Conditions −40°C +25°C +85°C Units Min Max Min Typ Max Min Max IDD Quiescent Device VDD = 5V, 1.0 1.0 7.5 µA Current VIN = VDD or VSS VDD = 10V, 2.0 2.0 15 µA VIN = VDD or VSS VDD = 15V, 4.0 4.0 30 µA VIN = VDD or VSS VOL LOW Level |IO| < 1 µA Output Voltage VDD = 5V 0.05 0 0.05 0.05 V VDD = 10V 0.05 0 0.05 0.05 V VDD = 15V 0.05 0 0.05 0.05 V VOH HIGH Level |IO| < 1 µA Output Voltage VDD = 5V 4.95 4.95 5 4.95 V VDD = 10V 9.95 9.95 10 9.95 V VDD = 15V 14.95 14.95 15 14.95 V VIL LOW Level |IO| < 1 µA Input Voltage VDD = 5V, VO = 4.5V or 0.5V 1.5 1.5 1.5 V VDD = 10V, VO = 9V or 1.0V 3.0 3.0 3.0 V VDD = 15V, VO = 13.5V or 1.5V 4.0 4.0 4.0 V VIH HIGH Level |IO| < 1 µA Input Voltage VDD = 5V, VO = 0.5V or 4.5V 3.5 3.5 3.5 V VDD = 10V, VO = 1V or 9.0V 7.0 7.0 7.0 V VDD = 15V, VO = 1.5V or 13.5V 11.0 11.0 11.0 V IOL LOW Level Output VDD = 5V, VO = 0.4V 0.52 0.44 0.88 0.36 mA Current VDD = 10V, VO = 0.5V 1.3 1.1 2.25 0.9 mA VDD = 15V, VO = 1.5V 3.6 3.0 8.8 2.4 mA IOH HIGH Level Output VDD = 5V, VO = 4.6V −0.52 −0.44 −0.88 −0.36 mA Current VDD = 10V, VO = 9.5V −1.3 −1.1 −2.25 −0.9 mA VDD = 15V, VO = 13.5V −3.6 −3.0 −8.8 −2.4 mA IIN Input Current VDD = 15V, VIN = 0V −0.3 −10−5 −0.3 −1.0 µA VDD = 15V, VIN = 15V 0.3 10−5 0.3 1.0 µA |
유사한 부품 번호 - CD4070BCN |
|
유사한 설명 - CD4070BCN |