전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4503BCN 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 CD4503BCN
상세설명  Hex Non-Inverting 3-STATE Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4503BCN 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  CD4503BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005989.prf
www.fairchildsemi.com
CD4503BC
Hex Non-Inverting 3-STATE Buffer
General Description
The CD4503BC is a hex non-inverting 3-STATE buffer with
high output current sink and source capability. 3-STATE
outputs make it useful in bus-oriented applications. Two
separate disable inputs are provided. Buffers 1 through 4
are controlled by the disable 4 input. Buffers 5 and 6 are
controlled by the disable 2 input. A high level on either dis-
able input will cause those gates on its control line to go
into a high impedance state.
Features
s Wide supply voltage range:
3.0 VDC to 18 VDC
s 3-STATE outputs
s Symmetrical turn on/turn off delays
s Symmetrical output rise and fall times
s Pin-for-pin replacement for MM80C97 and MC14503
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC and SOP
Top View
Schematic Diagram
Truth Table
X
= Don't Care
Order Number
Package Number
Package Description
CD4503BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
CD4503BCSJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
CD4503BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
In
Disable
Out
Input
0
00
10
1
X1
3-STATE


유사한 부품 번호 - CD4503BCN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4503BC NSC-CD4503BC Datasheet
128Kb / 6P
   Hex Non-Inverting TRI-STATE Buffer
More results

유사한 설명 - CD4503BCN

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
   HEX NON-INVERTING 3-STATE BUFFER
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
   Hex Non-inverting 3-state Buffer
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com