전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NZT45H8 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 NZT45H8
상세설명  PNP Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT45H8 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  NZT45H8 Datasheet HTML 1Page - Fairchild Semiconductor NZT45H8 Datasheet HTML 2Page - Fairchild Semiconductor NZT45H8 Datasheet HTML 3Page - Fairchild Semiconductor NZT45H8 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 100 mA, IB = 0
60
V
ICBO
Collector-Cutoff Current
VCB = 60 V, IE = 0
10
µA
IEBO
Emitter-Cutoff Current
VEB = 5.0 V, IC = 0
100
µA
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
hFE
DC Current Gain
IC = 2.0 A, VCE = 1.0 V
IC = 4.0 A, VCE = 1.0 V
60
40
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 8.0 A, IB = 0.4 A
1.0
V
VBE(sat)
Base-Emitter On Voltage
IC = 8.0 A, IB = 0.8 A
1.5
V
VBE(on)
Base-Emitter On Voltage
IC = 10 mA, VCE = 2.0 V
0.54
0.65
V
fT
Current Gain - Bandwidth Product
IC = 500 mA, VCE = 10 V,
40
MHz
DC Typical Characteristics
Collector-Emitter Saturation
Voltage vs Collector Current
PQ
0.1
1
10 15
0
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (A)
C
ββ = 10
125 ºC
- 40 ºC
25 °C
Typical Pulsed Current Gain
vs Collector Current
0.01 0.02
0.05 0.1
0.2
0.5
1
2
5
10
40
60
80
100
120
140
160
180
200
I - COLLECTOR CURRENT (A)
C
125 °C
25 °C
- 40 °C
Vce = 5V
PNP Power Amplifier
(continued)


유사한 부품 번호 - NZT45H8

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NZT45C11 FAIRCHILD-NZT45C11 Datasheet
58Kb / 3P
   PNP Current Driver Transistor
More results

유사한 설명 - NZT45H8

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
D45H11 FAIRCHILD-D45H11_12 Datasheet
115Kb / 2P
   PNP Power Amplifier
D45H11 FAIRCHILD-D45H11_13 Datasheet
251Kb / 6P
   PNP Power Amplifier
D45C8 FAIRCHILD-D45C8_10 Datasheet
144Kb / 3P
   PNP Power Amplifier
D45H2A FAIRCHILD-D45H2A Datasheet
32Kb / 3P
   PNP Power Amplifier
D45C8 FAIRCHILD-D45C8 Datasheet
415Kb / 3P
   PNP Power Amplifier
logo
Samsung semiconductor
KSA916 SAMSUNG-KSA916 Datasheet
77Kb / 2P
   PNP (AUDIO POWER AMPLIFIER)
logo
Microsemi Corporation
2N5679 MICROSEMI-2N5679 Datasheet
56Kb / 2P
   PNP POWER TRANSISTOR SILICON AMPLIFIER
logo
Samsung semiconductor
MJE170 SAMSUNG-MJE170 Datasheet
135Kb / 4P
   PNP (LOW POWER AUDIO AMPLIFIER)
KSA1182 SAMSUNG-KSA1182 Datasheet
67Kb / 2P
   PNP (LOW FREQUENCY POWER AMPLIFIER)
KSB834 SAMSUNG-KSB834 Datasheet
238Kb / 6P
   PNP (LOW FREQUENCY POWER AMPLIFIER)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com