전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD827JNZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD827JNZ
상세설명  High Speed, Low Power Dual Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD827JNZ 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD827JNZ Datasheet HTML 4Page - Analog Devices AD827JNZ Datasheet HTML 5Page - Analog Devices AD827JNZ Datasheet HTML 6Page - Analog Devices AD827JNZ Datasheet HTML 7Page - Analog Devices AD827JNZ Datasheet HTML 8Page - Analog Devices AD827JNZ Datasheet HTML 9Page - Analog Devices AD827JNZ Datasheet HTML 10Page - Analog Devices AD827JNZ Datasheet HTML 11Page - Analog Devices AD827JNZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD827
REV. C
–8–
multipliers connected in series. They could also be placed in
parallel with an increase in bandwidth and a reduction in gain.
The gain of the circuit is controlled by VX, which can range
from 0 to 3 V dc. Measurements show that this circuit easily
supplies 2 V p-p into a 100
Ω load while operating from ±5 V
supplies. The overall bandwidth of the circuit is approximately
7 MHz with 0.5 dB of peaking.
Each half of the AD827 serves as an I/V converter and converts
the output current of one of the two multipliers in the AD539
into an output voltage. Each of the AD539’s two multipliers
contains two internal 6 k
Ω feedback resistors; one is connected
between the CH1 output and Z1, the other between the CH1
output and W1. Likewise, in the CH2 multiplier, one of the
feedback resistors is connected between CH2 and Z2 and the
other is connected between CH2 and Z2. In Figure 25, Z1 and
W1 are tied together, as are Z2 and W2, providing a 3 k
feedback resistor for the op amp. The 2 pF capacitors connected
between the AD539’s W1 and CH1 and W2 and CH2 pins are
in parallel with the feedback resistors and thus reduce peaking
in the VCA’s frequency response. Increasing the values of C3
and C4 can further reduce the peaking at the expense of
reduced bandwidth. The 1.25 mA full-scale output current of
the AD539 and the 3 k
Ω feedback resistor set the full-scale
output voltage of each multiplier at 3.25 V p-p.
Current limiting in the AD827 (typically 30 mA) limits the out-
put voltage in this application to about 3 V p-p across a 100
load. Driving a 50
Ω reverse-terminated load divides this value
by two, limiting the maximum signal delivered to a 50
Ω load to
about 1.5 V p-p, which suffices for video signal levels. The
dynamic range of this circuit is approximately 55 dB and is
primarily limited by feedthrough at low input levels and by the
maximum output voltage at high levels.
Guidelines for Grounding and Bypassing
When designing practical high frequency circuits using the AD827,
some special precautions are in order. Both short interconnection
leads and a large ground plane are needed whenever possible to
provide low resistance, low inductance circuit paths. One should
remember to minimize the effects of capacitive coupling
between circuits. Furthermore, IC sockets should be avoided.
Feedback resistors should be of a low enough value that the
time constant formed with stray circuit capacitances at the
amplifier summing junction will not limit circuit performance.
As a rule of thumb, use feedback resistor values that are less
than 5 k
Ω. If a larger resistor value is necessary, a small (<10 pF)
feedback capacitor in parallel with the feedback resistor may be
used. The use of 0.1
µF ceramic disc capacitors is recommended
for bypassing the op amp’s power supply leads.
A TWO-CHIP VOLTAGE-CONTROLLED AMPLIFIER
(VCA) WITH EXPONENTIAL RESPONSE
Voltage-controlled amplifiers are often used as building blocks
in automatic gain control systems. Figure 25 shows a two-chip
VCA built using the AD827 and the AD539, a dual, current-
output multiplier. As configured, the circuit has its two
Figure 25. A Wide Range Voltage-Controlled
Amplifier Circuit


유사한 부품 번호 - AD827JNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD827JN AD-AD827JN Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827JN AD-AD827JN Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827JN AD-AD827JN Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
More results

유사한 설명 - AD827JNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_15 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_17 Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
AD827 AD-AD827_02 Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com