전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5220BNZ10 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD5220BNZ10
상세설명  Increment/Decrement Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5220BNZ10 데이터시트(HTML) 4 Page - Analog Devices

  AD5220BNZ10 Datasheet HTML 1Page - Analog Devices AD5220BNZ10 Datasheet HTML 2Page - Analog Devices AD5220BNZ10 Datasheet HTML 3Page - Analog Devices AD5220BNZ10 Datasheet HTML 4Page - Analog Devices AD5220BNZ10 Datasheet HTML 5Page - Analog Devices AD5220BNZ10 Datasheet HTML 6Page - Analog Devices AD5220BNZ10 Datasheet HTML 7Page - Analog Devices AD5220BNZ10 Datasheet HTML 8Page - Analog Devices AD5220BNZ10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD5220
–4–
REV.
–Typical Performance Characteristics
100
75
0
0
32
128
64
96
50
25
RWB
RWA
CODE – Decimal
Figure 4. Wiper to End Terminal
Resistance vs. Code
CODE – Decimal
0.5
–0.5
0
16
128
32
48
64
80
96
112
0.4
0.1
0.0
–0.2
–0.4
0.3
0.2
–0.1
–0.3
TA = +25 C
VDD = +5.5V
50k
VERSION
10k
VERSION
100k
VERSION
Figure 7. R-DNL Relative Resistance
Step Position Nonlinearity Error vs.
Code
CODE – Decimal
0.5
–0.5
0
16
128
32
48
64
80
96
112
0.4
0.1
0.0
–0.2
–0.4
0.3
0.2
–0.1
–0.3
50k
VERSION
10k
VERSION
100k
VERSION
TA = +25 C
VDD = +5.5V
VA = +5.5V
VB = 0V
Figure 10. Potentiometer Divider
DNL Error vs. Code
CONDUCTION CURRENT, IWB – A
6
0
0
20
120
40
60
80
100
5
4
3
2
1
VDD = 5.5V
RAB = 50k
7FH
08H
01H
02H
04H
10H
20H
40H
Figure 5. Resistance Linearity vs.
Conduction Current
CODE – Decimal
0.5
–0.5
0
16
128
32
48
64
80
96
112
0.4
0.1
0.0
–0.2
–0.4
0.3
0.2
–0.1
–0.3
TA = +25 C
VDD = +5.5V
50k
VERSION
10k
VERSION
100k
VERSION
Figure 8. R-INL Resistance Non-
linearity Error vs. Supply Voltage
SUPPLY VOLTAGE – V
0.600
0.000
2.00 2.50
6.00
3.00 3.50 4.00 4.50 5.00 5.50
0.525
0.300
0.255
0.150
0.075
0.450
0.375
CODE = 40H
RAB = 50k
VA = VDD
Figure 11. Potentiometer Divider
INL Error vs. Supply Voltage
WIPER RESISTANCE –
48
24
0
20
40
32
16
8
28
36
44
52
60
SS = 300 UNITS
VDD = +2.7V
TA = +25 C
Figure 6. Wiper Contact Resistance
CODE – Decimal
0.5
–0.5
0
16
128
32
48
64
80
96
112
0.4
0.1
0.0
–0.2
–0.4
0.3
0.2
–0.1
–0.3
TA = +25 C
VDD = +5.5V
VA = +5.5V
VB = 0V
50k
VERSION
10k
VERSION
100k
VERSION
Figure 9. Potentiometer Divider INL
Error vs. Code
TEMPERATURE – C
100
80
0
–40
–15
85
10
35
60
60
40
20
100k
VERSION
50k
VERSION
10k
VERSION
Figure 12. Nominal Resistance vs.
Temperature
A


유사한 부품 번호 - AD5220BNZ10

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ100 AD-AD5220BNZ100 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
More results

유사한 설명 - AD5220BNZ10

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5220BNZ100 AD-AD5220BNZ100 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
AD5220 AD-AD5220_15 Datasheet
679Kb / 11P
   Increment Decrement Digital Potentionmeter
REV. A
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
   Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com