전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7680ARMZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7680ARMZ
상세설명  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7680ARMZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7680ARMZ Datasheet HTML 3Page - Analog Devices AD7680ARMZ Datasheet HTML 4Page - Analog Devices AD7680ARMZ Datasheet HTML 5Page - Analog Devices AD7680ARMZ Datasheet HTML 6Page - Analog Devices AD7680ARMZ Datasheet HTML 7Page - Analog Devices AD7680ARMZ Datasheet HTML 8Page - Analog Devices AD7680ARMZ Datasheet HTML 9Page - Analog Devices AD7680ARMZ Datasheet HTML 10Page - Analog Devices AD7680ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7680
Rev. A | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5. TA = 25°C, unless otherwise noted.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Analog Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to +7 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
SOT-23 Package, Power Dissipation
450 mW
θJA Thermal Impedance
229.6°C/W
θJC Thermal Impedance
91.99°C/W
MSOP Package, Power Dissipation
450 mW
θJA Thermal Impedance
205.9°C/W
θJC Thermal Impedance
43.74°C/W
Lead Temperature, Soldering
Vapor Phase (60 secs)
215°C
Infared (15 secs)
220°C
ESD
2 kV
1Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


유사한 부품 번호 - AD7680ARMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7680ARMZ AD-AD7680ARMZ Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680ARMZ AD-AD7680ARMZ Datasheet
348Kb / 25P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
More results

유사한 설명 - AD7680ARMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7680 AD-AD7680_11 Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_17 Datasheet
348Kb / 25P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940_15 Datasheet
354Kb / 20P
   3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
AD7940BRJ AD-AD7940BRJ Datasheet
354Kb / 20P
   3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680 Datasheet
200Kb / 11P
   3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
REV. PrE 11/02
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com