전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1580 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 SB1580
상세설명  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB1580 데이터시트(HTML) 1 Page - Leshan Radio Company

  SB1580 Datasheet HTML 1Page - Leshan Radio Company SB1580 Datasheet HTML 2Page - Leshan Radio Company SB1580 Datasheet HTML 3Page - Leshan Radio Company SB1580 Datasheet HTML 4Page - Leshan Radio Company SB1580 Datasheet HTML 5Page - Leshan Radio Company SB1580 Datasheet HTML 6Page - Leshan Radio Company SB1580 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Feature & Dimensions
* Plastic package has underwriters laboratory
Flammability classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC R-6, molded plastic over sky die
Terminals : Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
We declare that the material of product compliance
Weight
: 0.042oz., 1.19 g
with ROHS requirements
Mounting position : Any
Handling precautin : None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter symbol
Symbol SB1535 SB1545 SB1550 SB1560 SB1580 SB15100
Unit
Device marking code
SB1535 SB1545 SB1550 SB1560 SB1580 SB15100
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
80
100V
Maximum RSM voltage
VRSM
35
45
50
60
80
100V
Maximum DC blocking voltage
VDC
35
45
50
60
80
100V
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF(AV)A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM1
A
Thermal resistance, junction to ambient
RθJA
°
C/W
Operating storage temperature range
TJ
°
C
and storage temperature range
TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter symbol
Symbol SB1535 SB1545 SB1550 SB1560 SB1580 SB15100
Unit
Maximum instantaneous forward voltage at 15.0A
VF
0.60
0.70V
Maximum DC reverse current
TA = 25°C
IR
uA
Maximum DC reverse current
TA = 100°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
380
PF
Notes:
1. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
SB1520 thru SB15100
Schottky Barrier Rectifiers
Reverse Voltage 35 to 100V Forward Current 15A
15.0
300
40
500
65 to +200
200
80
0.55
0.90
65 to +200


유사한 부품 번호 - SB1580

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SB1580 MCC-SB1580 Datasheet
485Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
SB1580 MCC-SB1580 Datasheet
310Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Zibo Seno Electronic En...
SB1580L ZSELEC-SB1580L Datasheet
333Kb / 3P
   15.0A SUPER BARRIER RECTIFIER
SB1580L ZSELEC-SB1580L Datasheet
189Kb / 2P
   15.0 A SUPER BARRIER RECTIFIER
More results

유사한 설명 - SB1580

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
SB2020 LRC-SB2020 Datasheet
85Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com