전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320A 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 SM320A
상세설명  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM320A 데이터시트(HTML) 1 Page - Leshan Radio Company

  SM320A Datasheet HTML 1Page - Leshan Radio Company SM320A Datasheet HTML 2Page - Leshan Radio Company SM320A Datasheet HTML 3Page - Leshan Radio Company SM320A Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC DO-214AC,
molded plastic over glass body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.0028 oz., 0.08 g
Handling precautin
:None
Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
°C/W
Operating junction and storage temperature rang TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
SM320A thru SM3100A
3.0
100
50
110
–40 to +125
0.50
0.70
0.85
0.5
10.0
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V
Forward Current 3.0A
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
1/3
Parameter Symbol
symbol
Unit
SM
320A
SM
330A
SM
340A
SM
350A
SM
360A
SM
380A
SM
3100A
20
30
40
50
60
80
14
21
28
35
42
56
20
30
40
50
60
80
100
V
70
V
100
V
Parameter Symbol
symbol
Unit
SM
320A
SM
330A
SM
340A
SM
350A
SM
360A
SM
380A
SM
3100A


유사한 부품 번호 - SM320A

제조업체부품명데이터시트상세설명
logo
UNIOHM CORPORATION
SM320A UNIOHM-SM320A Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320A SECOS-SM320A Datasheet
226Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320A SECOS-SM320A Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM320A TAYCHIPST-SM320A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM320A GWSEMI-SM320A Datasheet
65Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SM320A

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B LRC-SM220B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com