전자부품 데이터시트 검색엔진 |
|
SM340C 데이터시트(PDF) 1 Page - Leshan Radio Company |
|
SM340C 데이터시트(HTML) 1 Page - Leshan Radio Company |
1 / 4 page SM320C THRU SM3100C VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) 3.0 100 2.0 20 17 -5 0 +125 -65 +150 A A V mA mA pF Typical Thermal Resistance RqJA (Note 2) 0.55 0.85 0.75 300 NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient. MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Metallurgically bonded construction * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.093 grams FEATURES * Ideal for surface mount applications * Easy pick and place * Built-in strain relief * Low forward voltage drop C C C/W Operating Storage Temperature Range TSTG Temperature Range TJ V 20 30 40 50 60 80 90 100 20 30 40 50 60 80 90 100 14 21 28 35 42 56 63 70 V V SM320C SM330C SM340C SM350C SM360C SM380C SM390C SM3100C UNITS DO-214AB SMC Cathode Anode LESHAN RADIO COMPANY, LTD. 1/3 |
유사한 부품 번호 - SM340C |
|
유사한 설명 - SM340C |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |