전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM530A 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 SM530A
상세설명  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM530A 데이터시트(HTML) 1 Page - Leshan Radio Company

  SM530A Datasheet HTML 1Page - Leshan Radio Company SM530A Datasheet HTML 2Page - Leshan Radio Company SM530A Datasheet HTML 3Page - Leshan Radio Company SM530A Datasheet HTML 4Page - Leshan Radio Company SM530A Datasheet HTML 5Page - Leshan Radio Company SM530A Datasheet HTML 6Page - Leshan Radio Company SM530A Datasheet HTML 7Page - Leshan Radio Company SM530A Datasheet HTML 8Page - Leshan Radio Company SM530A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Mechanical Data
Case: JEDEC DO-214AC,
molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0023 oz., 0.065 g
We declare that the material of product compliance
Handling precautin:None
with ROHS requirements
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SM520A SM530A SM540A SM550A SM560A SM580A SM5100A Unit
device marking code
S52
S53
S54
S55
S56
S58
S510
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100V
Maximum RSM voltage
VRSM
14
21
28
35
42
56
70V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100V
Maximum average forward rectified current
at TA = 80
°C
IF(AV)A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
R
θJA
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SM520A SM530A SM540A SM550A SM560A SM580A SM5100A Unit
Maximum instantaneous forward voltage at 5.0A
VF
V
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
5.0
100
50
–40 to +150
0.85
0.80
0.1
10.0
110
SM520A thru SM5100A
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V Forward Current 5.0A
0.46
0.65
0.50
0.70


유사한 부품 번호 - SM530A

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
SM530A-E LRC-SM530A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
First Silicon Co., Ltd
SM530AF FS-SM530AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results

유사한 설명 - SM530A

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520B LRC-SM520B Datasheet
172Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520C LRC-SM520C Datasheet
193Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com