전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM540B 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 SM540B
상세설명  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM540B 데이터시트(HTML) 1 Page - Leshan Radio Company

  SM540B Datasheet HTML 1Page - Leshan Radio Company SM540B Datasheet HTML 2Page - Leshan Radio Company SM540B Datasheet HTML 3Page - Leshan Radio Company SM540B Datasheet HTML 4Page - Leshan Radio Company SM540B Datasheet HTML 5Page - Leshan Radio Company SM540B Datasheet HTML 6Page - Leshan Radio Company SM540B Datasheet HTML 7Page - Leshan Radio Company SM540B Datasheet HTML 8Page - Leshan Radio Company SM540B Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Mechanical Data
Case: JEDEC DO-214AA / SMB
molded plastic over glass die
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
We declare that the material of product compliance
Polarity: Color band denotes cathode end
with ROHS requirements
Mounting Position: Any
Weight: 0.098 g
Handling precautin:None
Electrical Characteristic
1.Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol SM520B
SM530B
SM540B
SM550B
SM560B
SM580B SM5100B
Unit
SM520B
SM530B
SM540B
SM550B
SM560B
SM580B SM5100B
VRRM
20
30
40
50
60
80
100V
VRSM
14
21
28
35
42
56
70V
VDC
20
30
40
50
60
80
100V
IF(AV)
A
IFSM
A
R
θJA
°C/W
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol SM520B
SM530B
SM540B
SM550B
SM560B
SM580B SM5100B
Unit
VF
V
IR
mA
CJ
PF
NOTES:
1. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
–40 to +150
0.50
0.70
0.85
0.5
10.0
Maximum repetitive peak reverse voltage
Maximum RSM voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical thermal resistance (Note 1)
Operating junction and storage temperature range
SM520B thru SM5100B
5.0
100
50
110
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V Forward Current 5.0A
Parameter Symbol
device marking code
Parameter Symbol
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
Maximum instantaneous forward voltage at 5.0A
Typical junction capacitance at 4.0V, 1MHz


유사한 부품 번호 - SM540B

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM540B SECOS-SM540B Datasheet
292Kb / 2P
   5.0AMP Surface Mount Schottky Barrier Rectifiers
SM540B SECOS-SM540B Datasheet
403Kb / 2P
   Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM540B TAYCHIPST-SM540B Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
First Silicon Co., Ltd
SM540B FS-SM540B Datasheet
232Kb / 4P
   SM520B 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM540BF AITSEMI-SM540BF Datasheet
566Kb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

유사한 설명 - SM540B

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A LRC-SM520A Datasheet
166Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520C LRC-SM520C Datasheet
193Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com