전자부품 데이터시트 검색엔진 |
|
DM74ALS1008AM 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
DM74ALS1008AM 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page © 2000 Fairchild Semiconductor Corporation DS006254 www.fairchildsemi.com September 1986 Revised February 2000 DM74ALS1008A Quadruple 2-Input AND Buffer General Description These devices contain four independent 2-input buffers, each of which performs the logic AND function. The DM74ALS1008A is a buffer version of the DM74ALS08. Features s Switching specifications at 50 pF s Switching specifications guaranteed over full tempera- ture and VCC range s Advanced oxide-isolated, ion-implanted Schottky TTL process s Improved line receiving characteristics Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = AB L = LOW Logic Level H = HIGH Logic Level Order Number Package Number Package Description DM74ALS1008AM M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow DM74ALS1008AN N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AB Y LLL LH L HL L HHH |
유사한 부품 번호 - DM74ALS1008AM |
|
유사한 설명 - DM74ALS1008AM |