전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVCH16825DGGR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALVCH16825DGGR
상세설명  Member of the Texas Instruments Widebus
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16825DGGR 데이터시트(HTML) 5 Page - Texas Instruments

  SN74ALVCH16825DGGR Datasheet HTML 1Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 2Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 3Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 4Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 5Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 6Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 7Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 8Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
OPERATING CHARACTERISTICS
SN74ALVCH16825
18-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES039D – JULY 1995 – REVISED OCTOBER 2004
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
16
18
Power dissipation
Cpd
CL = 50 pF,
f = 10 MHz
pF
capacitance
Outputs disabled
(1)
4
6
(1)
This information was not available at the time of publication.
5


유사한 부품 번호 - SN74ALVCH16825DGGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCH16825DGG TI-SN74ALVCH16825DGG Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALVCH16825DGGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G74DQER TI-SN74LVC1G74DQER Datasheet
811Kb / 21P
[Old version datasheet]   Available in the Texas Instruments NanoFree??Package
logo
Bel Fuse Inc.
S560-6600-CE BEL-S560-6600-CE Datasheet
63Kb / 2P
   ADSL Magnetics Texas Instruments
S560-6600-AB BEL-S560-6600-AB Datasheet
160Kb / 2P
   ADSL Magnetics Texas Instruments
logo
Advanced Thermal Soluti...
ATS-TI10P-521-C1-R1 ATS-ATS-TI10P-521-C1-R1 Datasheet
121Kb / 1P
   Heat Sinks For Texas Instruments
REV3_1117
logo
RENCO ELECTRONICS, INC.
RL-2580 RENCO-RL-2580 Datasheet
111Kb / 1P
   FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
   member of the low-cost
logo
Bel Fuse Inc.
0560-6600-64 BEL-0560-6600-64 Datasheet
53Kb / 2P
   ADSL Magnetics For Texas Instruments
logo
Advanced Thermal Soluti...
ATS-TI10P-518-C1-R0 ATS-ATS-TI10P-518-C1-R0 Datasheet
258Kb / 1P
   Heat Sinks For Texas Instruments
REV3_1117
logo
RENCO ELECTRONICS, INC.
RL-5532 RENCO-RL-5532 Datasheet
65Kb / 1P
   FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
RL-5751 RENCO-RL-5751 Datasheet
278Kb / 1P
   FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com