전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL3016IDR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TL3016IDR
상세설명  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL3016IDR 데이터시트(HTML) 5 Page - Texas Instruments

  TL3016IDR Datasheet HTML 1Page - Texas Instruments TL3016IDR Datasheet HTML 2Page - Texas Instruments TL3016IDR Datasheet HTML 3Page - Texas Instruments TL3016IDR Datasheet HTML 4Page - Texas Instruments TL3016IDR Datasheet HTML 5Page - Texas Instruments TL3016IDR Datasheet HTML 6Page - Texas Instruments TL3016IDR Datasheet HTML 7Page - Texas Instruments TL3016IDR Datasheet HTML 8Page - Texas Instruments TL3016IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TL3016, TL3016Y
ULTRA-FAST LOW-POWER
PRECISION COMPARATORS
SLCS130D – MARCH 1997 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VDD = ±5 V, VLE = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL3016C
TL3016I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
∆VI = 100 mV, TA = 25°C
7.8
10
7.8
10
t d1
Propagation dela time‡
I
,
VOD = 5 mV
TA = full range
7.8
11.2
7.8
12.2
ns
tpd1
Propagation delay time‡
∆VI = 100 mV, TA = 25°C
7.6
10
7.6
10
ns
I
,
VOD = 20 mV
TA = full range
7.6
11.2
7.6
12.2
tsk(p)
Pulse skew (|tpd+ – tpd–|)
∆VI = 100 mV,
TA = 25°C
VOD = 5 mV,
0.5
0.5
ns
tsu
Setup time, LATCH ENABLE
2.5
2.5
ns
† Full range for the TL3016C is 0
°C to 70°C. Full range for the TL3016I is –40°C to 85°C.
‡ tpd1 cannot be measured in automatic handling equipment with low values of overdrive. The TL3016 is 100% tested with a 1-V step and 500-mV
overdrive at TA = 25°C only. Correlation tests have shown that tpd1 limits given can be ensured with this test, if additional dc tests are performed
to ensure that all internal bias conditions are correct. For low overdrive conditions, VOS is added to the overdrive.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Input voltage
2
ICC
Positive supply current
vs Frequency
3
vs Free-air temperature
4
ICC
Negative supply current
vs Free-air temperature
5
vs Overdrive voltage
6
vs Supply voltage
7
tpd
Propagation delay time
vs Input impedance
8
vs Load capacitance
9
vs Free-air temperature
10
VIC
Common-mode input voltage
vs Free-air temperature
11
Input threshold voltage (LATCH ENABLE)
vs Free-air temperature
12
VO
Output voltage
vs Output source current
13
VO
Output voltage
vs Output sink current
14
II
Input current (LATCH ENABLE)
vs Input voltage
15


유사한 부품 번호 - TL3016IDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL3016ID TI-TL3016ID Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

유사한 설명 - TL3016IDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com