전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74ALS125 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 DM74ALS125
상세설명  Quad 3-STATE Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS125 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS125 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS125 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS125 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS125 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS125 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010620
www.fairchildsemi.com
November 1989
Revised February 2000
DM74ALS125
Quad 3-STATE Buffer
General Description
This device contains four independent gates each of which
performs a non-inverting buffer function. The outputs have
the 3-STATE feature. The 3-STATE circuitry contains a fea-
ture that maintains the buffer outputs in 3-STATE (high
impedance state) during power supply ramp-up or ramp-
down. This eliminates bus glitching problems that arise
during power-up and power-down. To minimize the possi-
bility that two outputs will attempt to take a common bus to
opposite logic levels, the disable time is shorter than the
enable time of the outputs.
Features
s Advanced
low
power
oxide-isolated
ion-implanted
Schottky TTL process
s Functional and pin compatible with the 74LS counterpart
s Switching response specified into 500
Ω and 50 pF load
s Switching response specifications guaranteed over full
temperature and VCC supply range
s PNP input design reduces input loading
s Low level drive current: 74ALS
= 24 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Functional Table
Y
= A
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Either LOW or HIGH Logic Level
Hi-Z
= 3-STATE (Outputs are disabled)
Logic Diagram
Order Number
Package Number
Package Description
DM74ALS125M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS125N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Input
Output
AC
Y
LL
L
HL
H
X
H
Hi-Z


유사한 부품 번호 - DM74ALS125

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS1240AWM FAIRCHILD-DM74ALS1240AWM Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
More results

유사한 설명 - DM74ALS125

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com