전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF840S 데이터시트(PDF) 2 Page - Advanced Power Electronics Corp.

부품명 IRF840S
상세설명  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  A-POWER [Advanced Power Electronics Corp.]
홈페이지  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

IRF840S 데이터시트(HTML) 2 Page - Advanced Power Electronics Corp.

  IRF840S Datasheet HTML 1Page - Advanced Power Electronics Corp. IRF840S Datasheet HTML 2Page - Advanced Power Electronics Corp. IRF840S Datasheet HTML 3Page - Advanced Power Electronics Corp. IRF840S Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
500
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=4.8A
-
-
0.85
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2
-
4
V
gfs
Forward Transconductance
VDS=10V, ID=4.8A
-
4.2
-
S
IDSS
Drain-Source Leakage Current
VDS=500V, VGS=0V
-
-
25
uA
Drain-Source Leakage Current (Tj=125
oC) VDS=400V, VGS=0V
-
-
250
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
3
ID=8A
-
45
72
nC
Qgs
Gate-Source Charge
VDS=400V
-
7
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
25
-
nC
td(on)
Turn-on Delay Time
3
VDD=250V
-
12
-
ns
tr
Rise Time
ID=8A
-
31
-
ns
td(off)
Turn-off Delay Time
RG=9.1Ω,VGS=10V
-
48
-
ns
tf
Fall Time
RD=31Ω
-33
-
ns
Ciss
Input Capacitance
VGS=0V
-
1250 2000
pF
Coss
Output Capacitance
VDS=25V
-
270
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
85
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.6
2.4
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
3
Tj=25℃, IS=8A, VGS=0V
-
-
1.5
V
trr
Reverse Recovery Time
3
IS=8A, VGS=0V,
-
515
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
8.6
-
uC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Starting Tj=25
oC , V
DD=50V , L=10mH , RG=25Ω
3.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
IRF840S


유사한 부품 번호 - IRF840S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
logo
TRANSYS Electronics Lim...
IRF840S TEL-IRF840S Datasheet
145Kb / 1P
   Power MOSFET
logo
Vishay Siliconix
IRF840S VISHAY-IRF840S Datasheet
1Mb / 8P
   Power MOSFET
S-81432-Rev. A, 07-Jul-08
logo
Guangdong Kexin Industr...
IRF840S KEXIN-IRF840S Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
More results

유사한 설명 - IRF840S

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com