전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM2300N 데이터시트(PDF) 1 Page - Analog Power

부품명 AM2300N
부품 상세설명  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2300N 데이터시트(HTML) 1 Page - Analog Power

  AM2300N Datasheet HTML 1Page - Analog Power AM2300N Datasheet HTML 2Page - Analog Power AM2300N Datasheet HTML 3Page - Analog Power AM2300N Datasheet HTML 4Page - Analog Power AM2300N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AM2300N
Analog Power
July, 2002 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2300_D
These miniature surface mount MOSFETs
utilize High Cell Density process. Low r
DS(on)
assures minimal power loss and conserves
energy, making this device ideal for use in
power management circuitry. Typical
applications are DC-DC converters, power
management in portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
N-Channel 20-V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
Low gate charge 7nC
High performance
High current handling
Miniature SOT-23 Surface Mount Package
Saves Board Space
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
D
S
G
VDS (V)
rDS(on) (Ω)ID (A)
0.035 @ VGS = 4.5V
4.3
0.050 @ VGS = 2.5V
3.5
20
PRODUCT SUMMARY
Symbol Maximum Units
VDS
20
VGS
±8
TA=25
oC4.3
TA=70
oC3.3
IDM
10
IS
0.46
A
TA=25
oC1.25
TA=70
oC0.8
TJ, Tstg -55 to 150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Symbol
Maximum
Units
t <= 5 sec
100
Steady-State
166
THERMAL RESISTANCE RATINGS
Parameter
oC/W
Maximum Junction-to-Ambient
a
RTHJA


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn