전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74ALS14N 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 DM74ALS14N
상세설명  Hex Inverter with Schmitt Trigger Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS14N 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS14N Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS14N Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS14N Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS14N Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS14N Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS14N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS008773
www.fairchildsemi.com
March 1986
Revised February 2000
DM74ALS14
Hex Inverter with Schmitt Trigger Inputs
General Description
This device contains six independent gates, each of which
performs the logic INVERT function. Each input has hyster-
esis which increases the noise immunity and transforms a
slowly changing input signal to a fast changing, jitter-free
output.
Features
s Input hysteresis
s Low output noise generation
s High input noise immunity
s Switching specification at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin-for-pin compatible with Schottky
and low power Schottky TTL counterparts
s Improved AC performance over low power Schottky
counterpart
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
Y
= A
H
= HIGH Logic Level
L
= LOW Logic Level
Order Number
Package Number
Package Description
DM74ALS14M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS14SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS14N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Input
Output
AY
LH
HL


유사한 부품 번호 - DM74ALS14N

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM74ALS14N NSC-DM74ALS14N Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
More results

유사한 설명 - DM74ALS14N

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
   Hex Inverter with Schmitt Trigger Inputs
logo
National Semiconductor ...
DM5414 NSC-DM5414 Datasheet
95Kb / 4P
   Hex Inverter with Schmitt Trigger Inputs
logo
Texas Instruments
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS04 TI-SN74HCS04_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS04 TI1-SN74HCS04 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS04 TI1-SN74HCS04_V01 Datasheet
1,006Kb / 22P
[Old version datasheet]   SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14_V01 Datasheet
1,006Kb / 22P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
logo
ON Semiconductor
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com