전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7720 데이터시트(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-7720
상세설명  40 ns Propagation Delay, CMOS Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7720 데이터시트(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7720 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Application Information
Bypassing and PC Board Layout
The HCPL-772X/072X optocouplers are extremely easy to use. No external interface circuitry is required because the
HCPL-772X/072X use high-speed CMOS IC technology allowing CMOS logic to be connected directly to the inputs
and outputs.
As shown in Figure 10, the only external components required for proper operation are two bypass capacitors. Ca-
pacitor values should be between 0.01 µF and 0.1
µF. For each capacitor, the total lead length between both ends of
the capacitor and the power-supply pins should not exceed 20 mm. Figure 11 illustrates the recommended printed
circuit board layout for the HPCL-772X/072X.
Figure 10. Recommended printed circuit board layout.
Figure 11. Recommended printed circuit board layout
Propagation Delay, Pulse-Width Distortion and Propagation Delay Skew
Propagation Delay is a figure of merit that describes how quickly a logic signal propagates through a system. The
propagation delay from low to high (tPLH) is the amount of time required for an input signal to propagate to the
output, causing the output to change from low to high. Similarly, the propagation delay from high to low (tPHL) is the
amount of time required for the input signal to propagate to the output, causing the output to change from high to
low. See Figure 12.
Figure 12.
INPUT
tPLH
tPHL
OUTPUT
VI
VO
10%
90%
90%
10%
VOH
VOL
0 V
50%
5 V CMOS
2.5 V CMOS
HCPL-0710 fig 13
VDD2
C1
C2
VO
GND2
VDD1
VI
GND1
C1, C2 = 0.01 µF TO 0.1 µF
7
5
6
8
2
3
4
1
GND2
C1
C2
NC
VDD2
NC
VO
VDD1
VI
C1, C2 = 0.01 µF TO 0.1 µF
GND1


유사한 부품 번호 - HCPL-7720

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Broadcom Corporation.
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720-000E AVAGO-HCPL-7720-000E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

유사한 설명 - HCPL-7720

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com