전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74ALS20AN 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 DM74ALS20AN
상세설명  Dual 4-Input NAND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS20AN 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  DM74ALS20AN Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS20AN Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS20AN Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS20AN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
86.5
°C/W
M Package
116.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
IOH = −0.4 mA
VCC − 2V
Output Voltage
VCC = 4.5V to 5.5V
VOL
LOW Level
VCC = 4.5V
IOL = 4 mA
0.25
0.4
V
Output Voltage
IOL = 8 mA
0.35
0.5
V
II
Input Current @ Max
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V
VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
0.22
0.4
mA
Outputs LOW
1.2
1.7
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
311
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
310
ns
HIGH-to-LOW Level Output


유사한 부품 번호 - DM74ALS20AN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS21A FAIRCHILD-DM74ALS21A Datasheet
46Kb / 4P
   Dual 4-Input AND Gate
DM74ALS21AM FAIRCHILD-DM74ALS21AM Datasheet
46Kb / 4P
   Dual 4-Input AND Gate
DM74ALS21AN FAIRCHILD-DM74ALS21AN Datasheet
46Kb / 4P
   Dual 4-Input AND Gate
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
More results

유사한 설명 - DM74ALS20AN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com