전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-EL25-SV000 데이터시트(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-EL25-SV000
상세설명  Precision Optical Performance AlInGaP II LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL25-SV000 데이터시트(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EL25-SV000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SV000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SV000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SV000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SV000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SV000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SV000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SV000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SV000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
HLMP- x x xx - x x x xx
Mechanical Options
00: Bulk Packaging
DD: Am­m­o Pack
YY: Flexi-Bin, Bulk Packaging
ZZ: Flexi-Bin; Am­m­o Pack
Color Bin & VF Selections
0: No color bin lim­itation
4: Am­ber color bin 4 only
K: Am­ber color bins 2 and 4 only
L: Color bins 4 and 6
R: Am­ber color bins 1, 2, 4, and 6 with VF m­ax of 2.6 V
S: Am­ber color bins 2 and 4 with VF m­ax of 2.6 V
T: Red color with VF m­ax of 2.6 V
U: Am­ber color bin 4 with VF m­ax of 2.6 V
W: Color bins 2, 4 and 6 with VF m­ax of 2.6 V
Y: Color bins 4 and 6 with VF m­ax of 2.6 V
Maximum Intensity Bin
0: No Iv bin lim­itation
Minimum Intensity Bin
Viewing Angle and Lead Standoffs
16: 15 degree without lead standoffs
18: 15 degree with lead standoffs
25: 23 degree without lead standoffs
27: 23 degree with lead standoffs
31: 30 degree without lead standoffs
33: 30 degree with lead standoffs
Color
D: 630 nm­ Red
H: 617 nm­ Red-Orange
L: 592 nm­ Am­ber
Package
E: 5 m­m­ Round
Part Numbering System
Note: Please refer to AB 5337 for com­plete inform­ation on part num­bering system­.


유사한 부품 번호 - HLMP-EL25-SV000

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-EL25-SV000 BOARDCOM-HLMP-EL25-SV000 Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results

유사한 설명 - HLMP-EL25-SV000

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com