전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3463P 데이터시트(PDF) 2 Page - Analog Power

부품명 AM3463P
상세설명  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3463P 데이터시트(HTML) 2 Page - Analog Power

  AM3463P Datasheet HTML 1Page - Analog Power AM3463P Datasheet HTML 2Page - Analog Power AM3463P Datasheet HTML 3Page - Analog Power AM3463P Datasheet HTML 4Page - Analog Power AM3463P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM3463P
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = -48 V, VGS = 0 V
-1
VDS = -48 V, VGS = 0 V, TJ = 55°C
-25
On-State Drain Current
ID(on)
VDS = -5 V, VGS = -10 V
-5
A
VGS = -10 V, ID = -2.4 A
180
VGS = -4.5 V, ID = -2 A
255
Forward Transconductance
gfs
VDS = -15 V, ID = -2.4 A
10
S
Diode Forward Voltage
VSD
IS = -1.3 A, VGS = 0 V
-0.83
V
Total Gate Charge
Qg
4.9
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
2.5
Turn-On Delay Time
td(on)
6
Rise Time
tr
5
Turn-Off Delay Time
td(off)
18
Fall Time
tf
6
Input Capacitance
Ciss
385
Output Capacitance
Coss
40
Reverse Transfer Capacitance
Crss
28
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = -15 V, VGS = 0 V, f = 1 MHz
rDS(on)
nC
VDS = -30 V, RL = 12.5 Ω,
ID = -2.4 A,
VGEN = -10 V, RGEN = 6 Ω
VDS = -30 V, VGS = -4.5 V,
ID = -2.4 A
Drain-Source On-Resistance
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Dynamic
ns
© Preliminary
2
Publication Order Number:
DS_AM3463P_1A


유사한 부품 번호 - AM3463P

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
AM3460 AITSEMI-AM3460 Datasheet
270Kb / 4P
   60V N-CHANNEL ENHANCEMENT MODE
REV1.1
AM3460E3SR AITSEMI-AM3460E3SR Datasheet
270Kb / 4P
   60V N-CHANNEL ENHANCEMENT MODE
REV1.1
AM3460E3SVR AITSEMI-AM3460E3SVR Datasheet
270Kb / 4P
   60V N-CHANNEL ENHANCEMENT MODE
REV1.1
logo
Analog Power
AM3460N ANALOGPOWER-AM3460N Datasheet
115Kb / 3P
   N-Channel 60V (D-S) MOSFET
AM3461P ANALOGPOWER-AM3461P Datasheet
403Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - AM3463P

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com