전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3520C 데이터시트(PDF) 1 Page - Analog Power

부품명 AM3520C
상세설명  N & P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3520C 데이터시트(HTML) 1 Page - Analog Power

  AM3520C Datasheet HTML 1Page - Analog Power AM3520C Datasheet HTML 2Page - Analog Power AM3520C Datasheet HTML 3Page - Analog Power AM3520C Datasheet HTML 4Page - Analog Power AM3520C Datasheet HTML 5Page - Analog Power AM3520C Datasheet HTML 6Page - Analog Power AM3520C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AM3520C
PRELIMINARY
Publication Order Number:
DS-AM3520_F
Analog Power
1
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low r
DS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and
power management in portable and
battery-powered products such as
computers, printers, PCMCIA cards,
cellular and cordless telephones.
N & P-Channel 20-V (D-S) MOSFET
Low rDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
TSOP-6 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol N-Channe l P-Channe l Units
VDS
20
-20
VGS
±12
±12
TA=25
o
C
3.7
-2.7
TA=70
o
C
2.9
-2.1
IDM
8
-8
IS
1.05
-1.05
A
TA=25
o
C
TA=70
o
C
TJ, Tstg
o
C
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parame te r
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
1.15
0.7
-55 to 150
Typ
Max
Typ
Max
t <= 10 sec
93
110
93
110
Steady State
130
150
130
150
Maximum Junction-to-Ambient
a
oC/W
Unit
P-Channel
N-Channel
RthJA
THERMAL RESISTANCE RATINGS
Parameter
Symbol
S
2
D
2
G
2
P-Channel MOSFET
D
1
S
1
G
1
N-Channel MOSFET
TSOP-6
Top View
D1
S1
D2
G1
S2
G2
1
2
3
6
5
4
VDS (V)
rDS(on) ( )
ID (A)
0.058 @ VGS = 4.5V
3.7
0.082 @ VGS = 2.5V
3.1
0.160 @ VGS = 1.8V
2.2
0.112 @ VGS = -4.5V
-2.7
0.172 @ VGS = -2.5V
-2.2
0.210 @ VGS = -1.8V
-2.0
20
PRODUCT SUMMARY
-20


유사한 부품 번호 - AM3520C

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
AM352 CHENYI-AM352 Datasheet
153Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Analog Power
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - AM3520C

제조업체부품명데이터시트상세설명
logo
Analog Power
AMA520C ANALOGPOWER-AMA520C Datasheet
499Kb / 7P
   N & P-Channel 20-V (D-S) MOSFET
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
   P & N-Channel 20-V (D-S) MOSFET
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM6544C ANALOGPOWER-AM6544C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM4533C ANALOGPOWER-AM4533C Datasheet
87Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
AM5521C ANALOGPOWER-AM5521C Datasheet
75Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com