전자부품 데이터시트 검색엔진 |
|
DM74AS1034AM 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
DM74AS1034AM 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page © 2000 Fairchild Semiconductor Corporation DS006341 www.fairchildsemi.com October 1986 Revised February 2000 DM74AS1034A Hex Non-Inverting Driver General Description These devices contain six independent drivers, each of which performs the logic Y = A function. The DM74AS1034A is a driver version of the DM74AS34. Each driver has increased output drive capability to allow the driving of high capacitive loads. Features s Switching specifications at 50 pF s Switching specifications guaranteed over full tempera- ture and VCC range s Advanced oxide-isolated, ion-implanted Schottky TTL process Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table A = Y L = LOW Logic Level H = HIGH Logic Level Order Number Package Number Package Description DM74AS1034AM M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow DM74AS1034AN N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Input Output AY LL HH |
유사한 부품 번호 - DM74AS1034AM |
|
유사한 설명 - DM74AS1034AM |