전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP-181 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TLP-181
상세설명  Office Machine Programmable Controllers AC Adapter I/O Interface Board
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP-181 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TLP-181 Datasheet HTML 1Page - Toshiba Semiconductor TLP-181 Datasheet HTML 2Page - Toshiba Semiconductor TLP-181 Datasheet HTML 3Page - Toshiba Semiconductor TLP-181 Datasheet HTML 4Page - Toshiba Semiconductor TLP-181 Datasheet HTML 5Page - Toshiba Semiconductor TLP-181 Datasheet HTML 6Page - Toshiba Semiconductor TLP-181 Datasheet HTML 7Page - Toshiba Semiconductor TLP-181 Datasheet HTML 8Page - Toshiba Semiconductor TLP-181 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP181
2009-11-12
4
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
80
V
Emitter
−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
V
VCE = 48 V, ( Ambient light
below 1000 lx)
0.01
(2)
0.1
(10)
μA
Collector dark current
ICEO
VCE = 48 V, Ta = 85°C, ( Ambient
light below 1000 lx)
2
(4)
50
(50)
μA
Capacitance
(collector to emitter)
CCE
V = 0, f = 1 MHz
10
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn
Typ.
Max
Unit
50
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
600
%
60
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
%
IC = 2.4 mA, IF = 8 mA
0.4
0.2
Collector
−emitter
saturation voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
0.4
V
Off
−state collector current
IC (off)
VF = 0.7V, VCE = 48 V
1
10
μA
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance
(input to output)
CS
VS = 0V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
1×10
12
10
14
AC, 1 minute
3750
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc


유사한 부품 번호 - TLP-181

제조업체부품명데이터시트상세설명
logo
Tadiran Batteries GmbH
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
   High energy
TLP-91111ASM TADIRN-TLP-91111ASM Datasheet
280Kb / 1P
   High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
   High energy
TLP-91311ASM TADIRN-TLP-91311ASM Datasheet
278Kb / 1P
   High energy
TLP-91311AST TADIRN-TLP-91311AST Datasheet
278Kb / 1P
   High energy
More results

유사한 설명 - TLP-181

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com