전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM30K-Z 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM30K-Z
상세설명  30 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-Z 데이터시트(HTML) 2 Page - AIMTEC

  AM30K-Z_13 Datasheet HTML 1Page - AIMTEC AM30K-Z_13 Datasheet HTML 2Page - AIMTEC AM30K-Z_13 Datasheet HTML 3Page - AIMTEC AM30K-Z_13 Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM30K-Z
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
2 of 4
North America only
Output Specifications
Output Specifications
Conditions
Typical
Maximum
Units
Voltage accuracy
±5
%
Voltage balance (Dual Output model)
Balanced Load
±5
%
Over voltage protection
125
%
Over current protection
120
%
Short Circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation (Single)
HL-LL
±5
%
Line voltage regulation (Dual)
HL-LL
±5
%
Load voltage regulation (Single)
10% to 100% Load
±0.5
%
Load voltage regulation (Dual)
10% to 100% Load
±0.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
75
m Vp-p
Voltage adjustment range
±10
%
General Specifications
Safety Specifications
Standards
Agency approvals
CE
Safety
IEC/EN 60950-1
EN55022 Class A
EN55022 Class A
EN61000-4-2 Perf. Criteria B
EN61000-4-3 Perf. Criteria A
EN61000-4-4 Perf. Criteria B
EN61000-4-5 Perf. Criteria B
EN61000-4-6 Perf. Criteria A
EN61000-4-8 Perf. Criteria A
Pin Out Specifications
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
On/Off Control
On/Off Control
4
No Pin
+Vout
5
+Vout
Com
6
-Vout
-Vout
7
Trim
Trim
Input Specifications
Conditions
Typical
Maximum
Units
Switching frequency
100% load
270
KHz
Operating temperature
With derating above 60
oC (see graph below)
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
Cooling
Free air convection
Humidity
95
%
Over Temperature Protection
110
Case material
Nickel-coated Copper and Epoxy (UL94V-0 rated)
Weight
48
g
Dimensions (L X W X H)
2.00 x1.60 x0.40 inches
50.80 x 40.60 x 10.20 mm
MTBF
>1000000 hrs Calculated using MIL-HDBK-217 F at +25
oC


유사한 부품 번호 - AM30K-Z_13

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
More results

유사한 설명 - AM30K-Z_13

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com