전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL16C550CIFN 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TL16C550CIFN
상세설명  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C550CIFN 데이터시트(HTML) 1 Page - Texas Instruments

  TL16C550CIFN Datasheet HTML 1Page - Texas Instruments TL16C550CIFN Datasheet HTML 2Page - Texas Instruments TL16C550CIFN Datasheet HTML 3Page - Texas Instruments TL16C550CIFN Datasheet HTML 4Page - Texas Instruments TL16C550CIFN Datasheet HTML 5Page - Texas Instruments TL16C550CIFN Datasheet HTML 6Page - Texas Instruments TL16C550CIFN Datasheet HTML 7Page - Texas Instruments TL16C550CIFN Datasheet HTML 8Page - Texas Instruments TL16C550CIFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TL16C550C, TL16C550CI
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH AUTOFLOW CONTROL
SLLS177H − MARCH 1994 − REVISED JANUARY 2006
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Programmable Auto-RTS and Auto-CTS
D In Auto-CTS Mode, CTS Controls
Transmitter
D In Auto-RTS Mode, RCV FIFO Contents and
Threshold Control RTS
D Serial and Modem Control Outputs Drive a
RJ11 Cable Directly When Equipment Is on
the Same Power Drop
D Capable of Running With All Existing
TL16C450 Software
D After Reset, All Registers Are Identical to
the TL16C450 Register Set
D Up to 16-MHz Clock Rate for up to 1-Mbaud
Operation
D In the TL16C450 Mode, Hold and Shift
Registers Eliminate the Need for Precise
Synchronization Between the CPU and
Serial Data
D Programmable Baud Rate Generator Allows
Division of Any Input Reference Clock by 1
to (216 −1) and Generates an Internal 16
×
Clock
D Standard Asynchronous Communication
Bits (Start, Stop, and Parity) Added to or
Deleted From the Serial Data Stream
D 5-V and 3.3-V Operation
D Independent Receiver Clock Input
D Transmit, Receive, Line Status, and Data
Set Interrupts Independently Controlled
D Fully Programmable Serial Interface
Characteristics:
− 5-, 6-, 7-, or 8-Bit Characters
− Even-, Odd-, or No-Parity Bit Generation
and Detection
− 1-, 1 1/2-, or 2-Stop Bit Generation
− Baud Generation (dc to 1 Mbit/s)
D False-Start Bit Detection
D Complete Status Reporting Capabilities
D 3-State Output TTL Drive Capabilities for
Bidirectional Data Bus and Control Bus
D Line Break Generation and Detection
D Internal Diagnostic Capabilities:
− Loopback Controls for Communications
Link Fault Isolation
− Break, Parity, Overrun, and Framing
Error Simulation
D Fully Prioritized Interrupt System Controls
D Modem Control Functions (CTS, RTS, DSR,
DTR, RI, and DCD)
description
The TL16C550C and the TL16C550CI are functional upgrades of the TL16C550B asynchronous
communications element (ACE), which in turn is a functional upgrade of the TL16C450. Functionally equivalent
to the TL16C450 on power up (character or TL16C450 mode), the TL16C550C and the TL16C550CI, like the
TL16C550B, can be placed in an alternate FIFO mode. This relieves the CPU of excessive software overhead
by buffering received and transmitted characters. The receiver and transmitter FIFOs store up to 16 bytes
including three additional bits of error status per byte for the receiver FIFO. In the FIFO mode, there is a
selectable autoflow control feature that can significantly reduce software overload and increase system
efficiency by automatically controlling serial data flow using RTS output and CTS input signals.
The TL16C550C and TL16C550CI perform serial-to-parallel conversions on data received from a peripheral
device or modem and parallel-to-serial conversion on data received from its CPU. The CPU can read the ACE
status at any time. The ACE includes complete modem control capability and a processor interrupt system that
can be tailored to minimize software management of the communications link.
Both the TL16C550C and the TL16C550CI ACE include a programmable baud rate generator capable of
dividing a reference clock by divisors from 1 to 65535 and producing a 16
× reference clock for the internal
transmitter logic. Provisions are included to use this 16
× clock for the receiver logic. The ACE accommodates
a 1-Mbaud serial rate (16-MHz input clock) so that a bit time is 1
µs and a typical character time is 10 µs (start
bit, 8 data bits, stop bit).
Two of the TL16C450 terminal functions on the TL16C550C and the TL16C550CI have been changed to
TXRDY and RXRDY, which provide signaling to a DMA controller.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1994 − 2006, Texas Instruments Incorporated


유사한 부품 번호 - TL16C550CIFN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C550CI TI-TL16C550CI Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results

유사한 설명 - TL16C550CIFN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com