전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74LS155 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 DM74LS155
상세설명  Dual 2-Line to 4-Line Decoders/Demultiplexers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS155 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  DM74LS155 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS155 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS155 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS155 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS155 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS155 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006395
www.fairchildsemi.com
August 1986
Revised April 2000
DM74LS155 • DM74LS156
Dual 2-Line to 4-Line Decoders/Demultiplexers
General Description
These TTL circuits feature dual 1-line-to-4-line demultiplex-
ers with individual strobes and common binary-address
inputs in a single 16-pin package. When both sections are
enabled by the strobes, the common address inputs
sequentially select and route associated input data to the
appropriate output of each section. The individual strobes
permit activating or inhibiting each of the 4-bit sections as
desired. Data applied to input C1 is inverted at its outputs
and data applied at C2 is true through its outputs. The
inverter following the C1 data input permits use as a 3-to-8-
line decoder, or 1-to-8-line demultiplexer, without external
gating. Input clamping diodes are provided on these cir-
cuits to minimize transmission-line effects and simplify sys-
tem design.
Features
s Applications:
Dual 2-to-4-line decoder
Dual 1-to-4-line demultiplexer
3-to-8-line decoder
1-to-8-line demultiplexer
s Individual strobes simplify cascading for decoding or
demultiplexing larger words
s Input clamping diodes simplify system design
s Choice of outputs:
Totem-pole (DM74LS155)
Open-collector (DM74LS156)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Order Number
Package Number
Package Description
DM74LS155M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS155N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74LS156M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS156N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


유사한 부품 번호 - DM74LS155

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM74LS155 NSC-DM74LS155 Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
DM74LS155M NSC-DM74LS155M Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
DM74LS155N NSC-DM74LS155N Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
More results

유사한 설명 - DM74LS155

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS139 AEROFLEX-UT54ACS139 Datasheet
248Kb / 10P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54155 TI1-SN54155_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LS139A TI1-SN54LS139A_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6