전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4409P 데이터시트(PDF) 4 Page - Analog Power

부품명 AM4409P
상세설명  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4409P 데이터시트(HTML) 4 Page - Analog Power

  AM4409P Datasheet HTML 1Page - Analog Power AM4409P Datasheet HTML 2Page - Analog Power AM4409P Datasheet HTML 3Page - Analog Power AM4409P Datasheet HTML 4Page - Analog Power AM4409P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AM4409P
Analog Power
November, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM4409_F
Typical Electrical Characteristics
Figure 11. Normalized Thermal Transient Impedance, Junction-to-Ambient
Figure 10. Single Pulse Power, Junction-to-Ambient
Figure 9. Safe Operating Area
Figure 7. Source-Drain Diode Forward Voltage
Figure 8. On-Resistance vs. Gate-to-Source Voltage
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-5A. 25d
0.005
0.015
0.025
0.035
0.045
0.055
12
34
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -
TA = 25
oC
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
µ
RDS(ON) LIMIT
VGS = -4.5V
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 125
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5


유사한 부품 번호 - AM4409P

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
AM4409 AITSEMI-AM4409 Datasheet
868Kb / 8P
   P-CHANNEL ENHANCEMENT MODE
REV1.0
AM4409M8R AITSEMI-AM4409M8R Datasheet
868Kb / 8P
   P-CHANNEL ENHANCEMENT MODE
REV1.0
AM4409M8VR AITSEMI-AM4409M8VR Datasheet
868Kb / 8P
   P-CHANNEL ENHANCEMENT MODE
REV1.0
More results

유사한 설명 - AM4409P

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com